Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5SMDJ11A Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 5SMDJ11A
Description  5000W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

5SMDJ11A Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  5SMDJ11A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 5SMDJ11A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 5SMDJ11A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 5SMDJ11A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5SMDJ Series
11V ~ 190V
5000W Peak Power Surface Mount TVS
Elektronische Bauelemente
23-Mar-2012 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL RATINGS (TA=25°C unless otherwise specified)
Part Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Test
Current
Maximum
Clamping Voltage
Peak Pulse
Current
Reverse
Leakage
VRWM
VBR@IT
IT
VC@IPP
IPP
IR@VRWM
Min.
Max.
Uni
-direction
Bi
-direction
V
V
V
mA
V
A
µ
A
5SMDJ11A
5SMDJ11CA
11
12.2
13.5
1
18.2
277.47
800
5SMDJ12A
5SMDJ12CA
12
13.3
14.7
1
19.9
253.77
800
5SMDJ13A
5SMDJ13CA
13
14.4
15.9
1
21.5
234.88
500
5SMDJ14A
5SMDJ14CA
14
15.6
17.2
1
23.2
217.67
200
5SMDJ15A
5SMDJ15CA
15
16.7
18.5
1
24.4
206.97
100
5SMDJ16A
5SMDJ16CA
16
17.8
19.7
1
26
194.23
50
5SMDJ17A
5SMDJ17CA
17
18.9
20.9
1
27.6
182.97
20
5SMDJ18A
5SMDJ18CA
18
20
22.1
1
29.2
172.95
10
5SMDJ19A
5SMDJ19CA
19
21.1
23.3
1
30.8
164.07
10
5SMDJ20A
5SMDJ20CA
20
22.2
24.5
1
32.4
155.86
5
5SMDJ22A
5SMDJ22CA
22
24.4
26.9
1
35.5
142.25
5
5SMDJ24A
5SMDJ24CA
24
26.7
29.5
1
38.9
129.82
5
5SMDJ26A
5SMDJ26CA
26
28.9
31.9
1
42.1
119.95
5
5SMDJ28A
5SMDJ28CA
28
31.1
34.4
1
45.4
111.23
5
5SMDJ30A
5SMDJ30CA
30
33.3
36.8
1
48.4
104.34
5
5SMDJ33A
5SMDJ33CA
33
36.7
40.6
1
53.3
94.75
5
5SMDJ36A
5SMDJ36CA
36
40
44.2
1
58.1
86.92
5
5SMDJ40A
5SMDJ40CA
40
44.4
49.1
1
64.5
78.29
5
5SMDJ43A
5SMDJ43CA
43
47.8
52.8
1
69.4
72.77
5
5SMDJ45A
5SMDJ45CA
45
50
55.3
1
72.7
69.46
5
5SMDJ48A
5SMDJ48CA
48
53.3
58.9
1
77.4
65.25
5
5SMDJ51A
5SMDJ51CA
51
56.7
62.7
1
82.4
61.29
5
5SMDJ54A
5SMDJ54CA
54
60
66.3
1
87.1
57.98
5
5SMDJ58A
5SMDJ58CA
58
64.4
71.2
1
93.6
53.95
5
5SMDJ60A
5SMDJ60CA
60
66.7
73.7
1
96.8
52.17
5
5SMDJ64A
5SMDJ64CA
64
71.1
78.6
1
103
49.03
5
5SMDJ70A
5SMDJ70CA
70
77.8
86
1
113
44.69
5
5SMDJ75A
5SMDJ75CA
75
83.3
92.1
1
121
41.74
5
5SMDJ78A
5SMDJ78CA
78
86.7
95.8
1
126
40.08
5
5SMDJ80A
5SMDJ80CA
80
88.8
97.6
1
129.6
38.97
5
5SMDJ85A
5SMDJ85CA
85
94.4
104
1
137
36.86
5
Note:
1.
Suffix ’A’ denotes 5% tolerance device. Without ‘A’ denotes 10% tolerance device.
2.
Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices.
3.
For Bi-Directional devices having VR of 10 volts and under, the IR limit is double .


Similar Part No. - 5SMDJ11A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
5SMDJ11A SECOS-5SMDJ11A Datasheet
195Kb / 4P
   11V ~ 190V 5000W Peak Power Elektronische Bauelemente Surface Mount TVS
More results

Similar Description - 5SMDJ11A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP_18 Datasheet
357Kb / 4P
   5000W Peak Power TVS
5SMDJ SECOS-5SMDJ Datasheet
195Kb / 4P
   11V ~ 190V 5000W Peak Power Elektronische Bauelemente Surface Mount TVS
logo
Shanghai Leiditech Elec...
5.0SMDJ LEIDITECH-5.0SMDJ Datasheet
3Mb / 10P
   TVS Surface Mount ??5000W
logo
SeCoS Halbleitertechnol...
5KP SECOS-5KP Datasheet
281Kb / 4P
   Voltage 5.0V ~ 250V 5000W Peak Power TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
   Peak Power Surface Mount TVS
logo
Bruckewell Technology L...
5KP_A BWTECH-5KP_A Datasheet
524Kb / 7P
   5000W Peak Pulse Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com