Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFD1Z2 Datasheet(PDF) 6 Page - Intersil Corporation

Part # IRFD1Z2
Description  0.4A and 0.5A, 60V and 100V, 2.4 and 3.2 Ohm, N-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD1Z2 Datasheet(HTML) 6 Page - Intersil Corporation

  IRFD1Z2 Datasheet HTML 1Page - Intersil Corporation IRFD1Z2 Datasheet HTML 2Page - Intersil Corporation IRFD1Z2 Datasheet HTML 3Page - Intersil Corporation IRFD1Z2 Datasheet HTML 4Page - Intersil Corporation IRFD1Z2 Datasheet HTML 5Page - Intersil Corporation IRFD1Z2 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5-6
Test Circuits and Waveforms
FIGURE 14. SWITCHING TIME TEST CIRCUIT
FIGURE 15. RESISTIVE SWITCHING WAVEFORMS
FIGURE 16. GATE CHARGE TEST CIRCUIT
FIGURE 17. GATE CHARGE WAVEFORMS
VGS
RL
RG
DUT
+
-
VDD
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
0.3
µF
12V
BATTERY
50k
VDS
S
DUT
D
G
IG(REF)
0
(ISOLATED
VDS
0.2
µF
CURRENT
REGULATOR
ID CURRENT
SAMPLING
IG CURRENT
SAMPLING
SUPPLY)
RESISTOR
RESISTOR
SAME TYPE
AS DUT
Qg(TOT)
Qgd
Qgs
VDS
0
VGS
VDD
IG(REF)
0
IRFD1Z0, IRFD1Z1, IRFD1Z2, IRFD1Z3


Similar Part No. - IRFD1Z2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFD110 INTERSIL-IRFD110 Datasheet
52Kb / 6P
   1A, 100V, 0.600 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRFD110 IRF-IRFD110 Datasheet
174Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.0A)
logo
Vishay Siliconix
IRFD110 VISHAY-IRFD110 Datasheet
132Kb / 8P
   Power MOSFET
S-81263-Rev. A, 21-Jul-08
IRFD110 VISHAY-IRFD110 Datasheet
156Kb / 9P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFD110PBF IRF-IRFD110PBF Datasheet
1Mb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRFD1Z2

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
IRFD210 HARRIS-IRFD210 Datasheet
360Kb / 6P
   0.6A AND 0.45A, 150V AND 200V, 1.5 AND 2.4 OHM, N-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
IRF540 NJSEMI-IRF540 Datasheet
984Kb / 3P
   25A and 28A, 80V and 100V, 0.077 and 0.100 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
IRF120 INTERSIL-IRF120 Datasheet
68Kb / 7P
   8.0A and 9.2A, 80V and 100V, 0.27 and 0.36 Ohm, N-Channel, Power MOSFETs
logo
Harris Corporation
IRF510 HARRIS-IRF510 Datasheet
71Kb / 7P
   4.9A, and 5.6A, 80V and 100V, 0.54 and 0.74 Ohm, N-Channel Power MOSFETs
IRFD121 HARRIS-IRFD121 Datasheet
360Kb / 6P
   1.3A and 1.1A, 80V and 100V, 0.30 and 0.40 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFP2N08 NJSEMI-RFP2N08 Datasheet
93Kb / 2P
   2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFL1N08 INTERSIL-RFL1N08 Datasheet
30Kb / 4P
   1A, 80V and 100V, 1.200 Ohm, N-Channel, Power MOSFETs
RFP2N08 INTERSIL-RFP2N08 Datasheet
46Kb / 4P
   2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
RFM18N08 INTERSIL-RFM18N08 Datasheet
38Kb / 5P
   18A, 80V and 100V, 0.100 Ohm, N-Channel Power MOSFETs
RFM12N08 INTERSIL-RFM12N08 Datasheet
43Kb / 5P
   12A, 80V and 100V, 0.200 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com