Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2847 Datasheet(PDF) 10 Page - Analog Devices

Part # ADN2847
Description  3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2847 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN2847_15 Datasheet HTML 6Page - Analog Devices ADN2847_15 Datasheet HTML 7Page - Analog Devices ADN2847_15 Datasheet HTML 8Page - Analog Devices ADN2847_15 Datasheet HTML 9Page - Analog Devices ADN2847_15 Datasheet HTML 10Page - Analog Devices ADN2847_15 Datasheet HTML 11Page - Analog Devices ADN2847_15 Datasheet HTML 12Page - Analog Devices ADN2847_15 Datasheet HTML 13Page - Analog Devices ADN2847_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADN2847
Data Sheet
Rev. B | Page 10 of 16
The laser degrade alarm, DEGRADE, is provided to give a
warning of imminent laser failure if the laser diode degrades
further or environmental conditions continue to stress the LD,
such as increasing temperature.
The laser fail alarm, FAIL, is activated when the transmitter can
no longer be guaranteed to be SONET/SDH compliant. This
occurs when one of the following conditions arises:
The ASET threshold is reached.
The ALS pin is set high. This shuts off the modulation and
bias currents to the LD, resulting in the MPD current
dropping to zero. This gives closed-loop feedback to the
system that ALS has been enabled.
DEGRADE is raised only when the bias current exceeds 90% of
ASET current.
MONITOR CURRENTS
IBMON, IMMON, IMPDMON, and IMPDMON2 are current
controlled current sources from VCC. They mirror the bias,
modulation, and MPD current for increased monitoring
functionality. An external resistor to GND gives a voltage
proportional to the current monitored.
If the monitoring functions IMPDMON and IMPDMON2 are
not required, the IMPD pin and the IMPD2 pin must be
grounded and the monitor photodiode output must be
connected directly to the PSET pin.
DUAL MPD DWDM FUNCTION
(48-LEAD LFCSP ONLY)
The ADN2847 has circuitry for a second monitor photodiode,
MPD2. The second photodiode current is mirrored to
IMPDMON2 for wavelength control purposes and is summed
internally with the first monitor photodiode current for the
power control loop. For single MPD circuits, the MPD2 pin is
tied to GND.
This enables the system designer to use the two currents to
control the wavelength of the laser diode using various optical
filtering techniques inside the laser module.
If the monitor current functions IMPDMON and IMPDMON2
are not required, then the IMPD pin and IMPD2 pin can be
grounded and the monitor photodiode output can be connected
directly to PSET.
IDTONE (48-LEAD LFCSP ONLY)
The IDTONE pin is supplied for fiber identification/supervisory
channels or control purposes in WDM. This pin modulates the
optical one level over a possible range of 2% of minimum IMOD
to 10% of maximum IMOD. The level of modulation is set by con-
necting an external current sink between the IDTONE pin and
ground. There is a gain of two from this pin to the IMOD current.
Figure 12 shows how the AD9850/AD9851 or the AD9834 can
be used with the ADN2847 to allow fiber identification.
If the ID_TONE function is not used, the IDTONE pin should
be tied to VCC. Note that using IDTONE during transmission
can cause optical eye degradation.
DATA AND CLOCK INPUTS
Data and clock inputs are ac-coupled (10 nF capacitors are
recommended) and terminated via a 100 Ω internal resistor
between DATAP and DATAN, and also between the CLKP pin
and the CLKN pin. There is a high impedance circuit to set the
common-mode voltage that is designed to allow for maximum
input voltage headroom over temperature. It is necessary that ac
coupling is used to eliminate the need for matching between
common-mode voltages.
ADN2847
R = 2.5kΩ, DATA
R = 3kΩ, CLK
(TO FLIP-FLOPS)
400µA TYP
DATAP
DATAN
VREG
R
50Ω
50Ω
Figure 10. AC Coupling of Data Inputs
For input signals that exceed 500 mV p-p single-ended, it is
necessary to insert an attenuation circuit as shown in Figure 11.
R1
R2
R3
DATAP/CLKP
DATAN/CLKN
RIN
ADN2847
NOTES
1. RIN = 100Ω = THE DIFFERENTIAL INPUT
IMPEDANCE OF THE ADN2847.
Figure 11. Attenuation Circuit
CCBIAS
When the laser is used in ac-coupled mode, the CCBIAS pin
and the IBIAS pin should be tied together (Figure 15). In dc-
coupled mode, CCBIAS should be tied to VCC.
IBIAS
To achieve optimum eye quality, one pull-up resistor (RZ) is
necessary, as shown in both circuits in Figure 14 and Figure 15.
The recommended resistor RZ value is approximately
200 Ω ~ 500 Ω.
AUTOMATIC LASER SHUTDOWN
The ADN2847 ALS allows compliance to ITU-T-G958 (11/94),
section 9.7. When ALS is logic high, both bias and modulation
currents are turned off. Correct operation of ALS can be confirmed
if the FAIL alarm is raised when ALS is asserted. Note that this
is the only time DEGRADE is low while FAIL is high.


Similar Part No. - ADN2847_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2847ACP-32 AD-ADN2847ACP-32 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847ACP-32-RL AD-ADN2847ACP-32-RL Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847ACP-32-RL7 AD-ADN2847ACP-32-RL7 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847ACP-48 AD-ADN2847ACP-48 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847ACP-48-RL AD-ADN2847ACP-48-RL Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
More results

Similar Description - ADN2847_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2871 AD-ADN2871 Datasheet
797Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
REV. 0
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
   3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com