Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2847 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN2847
Description  3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2847 Datasheet(HTML) 1 Page - Analog Devices

  ADN2847_15 Datasheet HTML 1Page - Analog Devices ADN2847_15 Datasheet HTML 2Page - Analog Devices ADN2847_15 Datasheet HTML 3Page - Analog Devices ADN2847_15 Datasheet HTML 4Page - Analog Devices ADN2847_15 Datasheet HTML 5Page - Analog Devices ADN2847_15 Datasheet HTML 6Page - Analog Devices ADN2847_15 Datasheet HTML 7Page - Analog Devices ADN2847_15 Datasheet HTML 8Page - Analog Devices ADN2847_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
3.3 V Dual-Loop 50 Mbps to 3.3 Gbps
Laser Diode Driver
Data Sheet
ADN2847
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2012 Analog Devices, Inc. All rights reserved.
FEATURES
50 Mbps to 3.3 Gbps operation
Single 3.3 V operation
Typical rise/fall time: 80 ps
Bias current range: 2 mA to 100 mA
Modulation current range: 5 mA to 80 mA
Monitor photodiode current: 50 μA to 1200 μA
Dual MPD functionality for DWDM
50 mA supply current at 3.3 V
Closed-loop control of power and extinction ratio
Full current parameter monitoring
Laser fail and laser degrade alarms
Automatic laser shutdown (ALS)
Optional clocked data
Supports FEC rates
48-lead (7 mm × 7 mm) LFCSP package
32-lead (5 mm × 5 mm) LFCSP package
APPLICATIONS
SONET OC-1/3/12/48
SDH STM-0/1/4/16
Fibre Channel
Gigabit Ethernet
DWDM dual MPD wavelength control
GENERAL DESCRIPTION
The ADN2847 uses a unique control algorithm to control both
average power and extinction ratio of the laser diode (LD) after
initial factory setup. External component count and PCB area
are low, as both power and extinction ratio control are fully
integrated. Programmable alarms are provided for laser fail
(end of life) and laser degrade (impending fail).
Optional dual MPD current monitoring is designed into the
ADN2847 specifically for DWDM wavelength control.
The ADN2847 is specified for the −40°C to +85°C temperature
range and is available in a 48-lead LFCSP package and a 32-lead
LFCSP package.
FUNCTIONAL BLOCK DIAGRAM
CONTROL
DATAP
DATAN
CLKP
CLKN
IMODP
LD
VCC
VCC
GND
ASET
IMOD
IBIAS
GND
GND
GND
GND
GND
LBWSET
IDTONE
PAVCAP
ERCAP
ERSET
PSET
IMPD2
IMPD
VCC
MPD
VCC
ADN2847
IMODN
IBIAS
RZ
Figure 1.


Similar Part No. - ADN2847_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2847ACP-32 AD-ADN2847ACP-32 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847ACP-32-RL AD-ADN2847ACP-32-RL Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847ACP-32-RL7 AD-ADN2847ACP-32-RL7 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847ACP-48 AD-ADN2847ACP-48 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847ACP-48-RL AD-ADN2847ACP-48-RL Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
More results

Similar Description - ADN2847_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2871 AD-ADN2871 Datasheet
797Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
REV. 0
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
   3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com