Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC393 Datasheet(PDF) 7 Page - NEC

Part # UPC393
Description  LOW POWER DUAL COMPARATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC393 Datasheet(HTML) 7 Page - NEC

Back Button UPC393 Datasheet HTML 3Page - NEC UPC393 Datasheet HTML 4Page - NEC UPC393 Datasheet HTML 5Page - NEC UPC393 Datasheet HTML 6Page - NEC UPC393 Datasheet HTML 7Page - NEC UPC393 Datasheet HTML 8Page - NEC UPC393 Datasheet HTML 9Page - NEC UPC393 Datasheet HTML 10Page - NEC UPC393 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
µPC393
7
8PIN PLASTIC DIP (300 mil)
ITEM
MILLIMETERS
INCHES
NOTES
1) Each lead centerline is located within 0.25 mm (0.01 inch) of
its true position (T.P.) at maximum material condition.
P8C-100-300B,C-1
N
0.25
0.01
P
0.9 MIN.
0.035 MIN.
R
0~15
°
0~15
°
A
10.16 MAX.
0.400 MAX.
B
1.27 MAX.
0.050 MAX.
F
1.4 MIN.
0.055 MIN.
G
3.2±0.3
0.126±0.012
J
5.08 MAX.
0.200 MAX.
K
7.62 (T.P.)
0.300 (T.P.)
C
2.54 (T.P.)
0.100 (T.P.)
D
0.50±0.10
0.020+0.004
–0.005
H
0.51 MIN.
0.020 MIN.
I
4.31 MAX.
0.170 MAX.
L
6.4
0.252
M
0.25
0.010+0.004
–0.003
+0.10
–0.05
2) ltem "K" to center of leads when formed parallel.
14
85
M
A
R
M
P
I
J
H
G
F
DN
C
B
L
K
PACKAGE DRAWINGS


Similar Part No. - UPC393

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC393 RENESAS-UPC393 Datasheet
245Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1989
UPC393C RENESAS-UPC393C Datasheet
245Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1989
UPC393G2 RENESAS-UPC393G2 Datasheet
245Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1989
UPC393G2 RENESAS-UPC393G2 Datasheet
717Kb / 10P
   Small Package Single Power Supply Dual Comparator
2019.1.17
logo
NEC
UPC393GR-9LG NEC-UPC393GR-9LG Datasheet
212Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY DUAL COMPARATORS WITH SMALL PACKAGE
More results

Similar Description - UPC393

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
LM2903H STMICROELECTRONICS-LM2903H_08 Datasheet
131Kb / 9P
   Low power dual voltage comparators
LM2902 STMICROELECTRONICS-LM2902_07 Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2903H STMICROELECTRONICS-LM2903H_05 Datasheet
264Kb / 7P
   Low Power Dual Voltage Comparators
LM2903 STMICROELECTRONICS-LM2903_07 Datasheet
264Kb / 14P
   LOW POWER DUAL VOLTAGE COMPARATORS
LM2902W STMICROELECTRONICS-LM2902W_07 Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM193W STMICROELECTRONICS-LM193W Datasheet
169Kb / 10P
   LOW POWER DUAL VOLTAGE COMPARATORS
May 2004
LM2903H STMICROELECTRONICS-LM2903H Datasheet
86Kb / 5P
   LOW POWER DUAL VOLTAGE COMPARATORS
LM193 STMICROELECTRONICS-LM193 Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
LM193 STMICROELECTRONICS-LM193_08 Datasheet
234Kb / 15P
   Low power dual voltage comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com