Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1S9530SM Datasheet(PDF) 2 Page - Intersil Corporation

Part # RF1S9530SM
Description  12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF1S9530SM Datasheet(HTML) 2 Page - Intersil Corporation

  RF1S9530SM Datasheet HTML 1Page - Intersil Corporation RF1S9530SM Datasheet HTML 2Page - Intersil Corporation RF1S9530SM Datasheet HTML 3Page - Intersil Corporation RF1S9530SM Datasheet HTML 4Page - Intersil Corporation RF1S9530SM Datasheet HTML 5Page - Intersil Corporation RF1S9530SM Datasheet HTML 6Page - Intersil Corporation RF1S9530SM Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-10
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
IRF9530,
RF1S9530SM
UNITS
Drain to Source Breakdown Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS
-100
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDGR
-100
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID
TC = 100
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .I
D
-12
-7.5
A
A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
-48
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±20
V
Maximum Power Dissipation
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
75
W
Dissipation Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.6
W/oC
Single Pulse Avalanche Energy Rating (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
500
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to T
J = 125
oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = -250µA, VGS = 0V, (Figure 10)
-100
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = -250µA
-2
-
-4
V
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
-
-
-25
µA
VDS = 0.8 x Rated BVDSS,VGS = 0V, TC= 125
oC
-
-
-250
µA
On-State Drain Current (Note 2)
ID(ON)
VDS > ID(ON) x rDS(ON)MAX, VGS = -10V,
(Figure 7)
-12
-
-
A
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = -6.5A, VGS = -10V, (Figures 8, 9)
-
0.250
0.300
Forward Transconductance (Note 2)
gfs
VDS > ID(ON) x rDS(ON) Max, ID = -6.5A
(Figure 12)
2
3.8
-
S
Turn-On Delay Time
td(ON)
VDD = 50V, ID ≈ -12A, RG = 50Ω, VGS = 10V
RL = 4.2Ω, (Figures 17, 18)
MOSFET Switching Times are Essentially Inde-
pendent of Operating Temperature
-3060
ns
Rise Time
tr
-
70
140
ns
Turn-Off Delay Time
td(off)
-
70
140
ns
Fall Time
tf
-
70
140
ns
Total Gate Charge
(Gate to Source + Gate to Drain)
Qg(TOT)
VGS = -10V, ID = -12A, VDSS= 0.8 x Rated BVDSS,
(Figure 14, 19, 20) Gate Charge
is Essentially Independent of Operating
Temperature
-2545
nC
Gate to Source Charge
Qgs
-13
-
nC
Gate to Drain (“Miller”) Charge
Qgd
-12
-
nC
Input Capacitance
CISS
VDS = -25V, VGS = 0V, f = 1MHz, (Figure 11)
-
500
-
pF
Output Capacitance
COSS
-
300
-
pF
Reverse Transfer Capacitance
CRSS
-
100
-
pF
Internal Drain Inductance
LD
Measured From the
Contact Screw On Tab To
Center of Die
Modified MOSFET
Symbol Showing the
Internal Devices
Inductances
-
3.5
-
nH
Measured From the Drain
Lead, 6mm (0.25in) From
Package to Center of Die
-
4.5
-
nH
Internal Source Inductance
LS
Measured From The
Source Lead, 6mm
(0.25in) From Header to
Source Bonding Pad
-
7.5
-
nH
Thermal Resistance Junction to Case
RθJC
-
-
1.67
oC/W
Thermal Resistance Junction to Ambient
RθJA
Typical Socket Mount
-
-
62.5
oC/W
LS
LD
G
D
S
IRF9530, RF1S9530SM


Similar Part No. - RF1S9530SM

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RF1S9530SM VBSEMI-RF1S9530SM Datasheet
913Kb / 7P
   P-Channel 100 V (D-S) MOSFET
More results

Similar Description - RF1S9530SM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP12P08 INTERSIL-RFP12P08 Datasheet
37Kb / 5P
   12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs
FRM9140D INTERSIL-FRM9140D Datasheet
47Kb / 6P
   11A, -100V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
IRF9130 INTERSIL-IRF9130 Datasheet
58Kb / 7P
   -12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
RFP12N08 NJSEMI-RFP12N08 Datasheet
99Kb / 2P
   12A, 80Vand 100V, 0.200 Ohm, N-Channel Power MOSFETs
RFM12N08 NJSEMI-RFM12N08 Datasheet
99Kb / 2P
   12A, 80Vand 100V, 0.200 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
FSL913A0D INTERSIL-FSL913A0D Datasheet
57Kb / 8P
   7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
IRFF9130 INTERSIL-IRFF9130 Datasheet
327Kb / 7P
   -6.5A, -100V, 0.300 Ohm, P-Channel Power MOSFET
FRS130D INTERSIL-FRS130D Datasheet
48Kb / 6P
   12A, 100V, 0.195 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
RFD8P06E INTERSIL-RFD8P06E Datasheet
87Kb / 8P
   8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
RFM12N08 INTERSIL-RFM12N08 Datasheet
43Kb / 5P
   12A, 80V and 100V, 0.200 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com