Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB-XC3XXX-X Datasheet(PDF) 4 Page - Nel Frequency Controls,inc

Part # AB-XC3XXX-X
Description  CMOS/LVCMOS HF VCTCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AB-XC3XXX-X Datasheet(HTML) 4 Page - Nel Frequency Controls,inc

  AB-XC3XXX-X Datasheet HTML 1Page - Nel Frequency Controls,inc AB-XC3XXX-X Datasheet HTML 2Page - Nel Frequency Controls,inc AB-XC3XXX-X Datasheet HTML 3Page - Nel Frequency Controls,inc AB-XC3XXX-X Datasheet HTML 4Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CRYSTAL OSCILLATORS
Rev. J
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Data Sheet 0648B
CMOS/LVCMOS HF VCTCXO
AB-XC3XXX-X Series
Environmental and Mechanical Characteristics
Operating temp.
range
see part # table
Mechanical Shock
Per MIL-STD-202, Method 213, Cond. A
Thermal Shock
Per MIL-STD-883, Method 1011, Cond. A
Vibration
Per MIL-STD-883, Method 2007, Cond. A
Hermetic Seal
Leak rate less than 5x10-8 atm.cc/s of helium , crystal only.
Soldering conditions
See MAX reflow profile below; The device may be reflowed once. Reflowing upside down is not
allowed. NO CLEAN assembly is recommended
MAX Reflow Profile
The device may be reflowed once. Reflowing upside down is not allowed. NO CLEAN assembly is
recommended


Similar Part No. - AB-XC3XXX-X

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AB-X0A3XX-X NEL-AB-X0A3XX-X Datasheet
155Kb / 3P
   SINE-WAVE UHF, Low Phase Noise XO
AB-X0A5XXX-X NEL-AB-X0A5XXX-X Datasheet
147Kb / 3P
   Sine wave or CMOS/TTL XO
AB-X29NXXX NEL-AB-X29NXXX Datasheet
142Kb / 3P
   PECL/LVPECL UHF XO
AB-X29NXXX-X NEL-AB-X29NXXX-X Datasheet
157Kb / 3P
   PECL/LVPECL UHF XO
AB-X29SXXX-X NEL-AB-X29SXXX-X Datasheet
148Kb / 3P
   PECL/LVPECL HF XO
More results

Similar Description - AB-XC3XXX-X

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SU-X32AXXX NEL-SU-X32AXXX Datasheet
139Kb / 3P
   CMOS/LVCMOS HF VCXO
AB-X32AXXX-X NEL-AB-X32AXXX-X Datasheet
159Kb / 3P
   CMOS/LVCMOS HF VCXO
logo
Connor-Winfield Corpora...
TVLD546 CONNOR-WINFIELD-TVLD546 Datasheet
94Kb / 2P
   SURFACE MOUNT 3.3V LVCMOS VCTCXO
logo
Nel Frequency Controls,...
AN-XA7XXXX-X NEL-AN-XA7XXXX-X Datasheet
162Kb / 3P
   HF SMD TCXO/VCTCXO Ultra Low Phase Noise
S9-X13AXXX-X NEL-S9-X13AXXX-X Datasheet
148Kb / 3P
   CMOS HF CLOCK (XO)
S9-X13AXXX NEL-S9-X13AXXX Datasheet
201Kb / 3P
   CMOS HF CLOCK (XO)
logo
Golledge Electronics Lt...
GTXO-C14V GOLLEDGE-GTXO-C14V Datasheet
548Kb / 4P
   3.3 & 5.0V Stratum 3 VCTCXO with CMOS Output
GTXO-C74V GOLLEDGE-GTXO-C74V Datasheet
593Kb / 5P
   3.3V VCTCXO with CMOS Output and Low Phase Noise
logo
IQD Frequency Products ...
CFPT-123 IQD-CFPT-123 Datasheet
791Kb / 2P
   VCTCXO Specification
IQXT-192 IQD-IQXT-192 Datasheet
128Kb / 2P
   VCTCXO Specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com