Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM6319DZ25ARJZR7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM6319DZ25ARJZR7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6319DZ25ARJZR7 Datasheet(HTML) 3 Page - Analog Devices

  ADM6319DZ25ARJZR7 Datasheet HTML 1Page - Analog Devices ADM6319DZ25ARJZR7 Datasheet HTML 2Page - Analog Devices ADM6319DZ25ARJZR7 Datasheet HTML 3Page - Analog Devices ADM6319DZ25ARJZR7 Datasheet HTML 4Page - Analog Devices ADM6319DZ25ARJZR7 Datasheet HTML 5Page - Analog Devices ADM6319DZ25ARJZR7 Datasheet HTML 6Page - Analog Devices ADM6319DZ25ARJZR7 Datasheet HTML 7Page - Analog Devices ADM6319DZ25ARJZR7 Datasheet HTML 8Page - Analog Devices ADM6319DZ25ARJZR7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Rev. F | Page 3 of 16
SPECIFICATIONS
VCC = full operating range, TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY
VCC Operating Voltage Range
1
5.5
V
Supply Current
10
20
µA
VCC = 5.5 V
5
12
µA
VCC = 3.6 V
RESET THRESHOLD VOLTAGE
VTH − 1.5%
VTH
VTH + 1.5%
V
TA = 25°C
VTH − 2.5%
VTH
VTH + 2.5%
V
TA = −40°C to +85°C
RESET THRESHOLD TEMPERATURE
COEFFICIENT
40
ppm/°C
RESET THRESHOLD HYSTERESIS
3
mV
RESET TIMEOUT PERIOD
ADM63xxA
1
1.4
2
ms
ADM63xxB
20
28
40
ms
ADM63xxC
140
200
280
ms
ADM63xxD
1120
1600
2240
ms
VCC TO RESET DELAY
40
µs
VCC falling at 1 mV/µs
PUSH-PULL OUTPUT (ADM6316, ADM6317,
ADM6318, ADM6319, ADM6321, ADM6322)
RESET Output Voltage
0.3
V
VCC
≥ 1.0 V, ISINK = 50 µA
0.3
V
VCC
≥ 1.2 V, ISINK = 100 µA
0.3
V
VCC ≥ 2.7 V, ISINK = 1.2 mA
0.4
V
VCC ≥ 4.5 V, ISINK = 3.2 mA
0.8 × VCC
V
VCC ≥ 2.7 V, ISOURCE = 500 µA
VCC − 1.5
V
VCC ≥ 4.5 V, ISOURCE = 800 µA
RESET Rise Time
5
25
ns
From 10% to 90% VCC, CL = 5 pF,
VCC = 3.3 V
RESET Output Voltage
0.3
V
VCC ≥ 2.7 V, ISINK = 1.2 mA
0.4
V
VCC ≥ 4.5 V, ISINK = 3.2 mA
0.8 × VCC
V
VCC ≥ 1.8 V, ISOURCE = 150 µA
0.8 × VCC
V
VCC ≥ 2.7 V, ISOURCE = 500 µA
VCC − 1.5
V
VCC ≥ 4.5 V, ISOURCE = 800 µA
OPEN-DRAIN OUTPUT (ADM6320, ADM6321,
ADM6322)
RESET Output Voltage
0.3
V
VCC ≥ 1.0 V, ISINK = 50 µA
0.3
V
VCC ≥ 1.2 V, ISINK = 100 µA
0.3
V
VCC ≥ 2.7 V, ISINK = 1.2 mA
0.4
V
VCC ≥ 4.5 V, ISINK = 3.2 mA
Open-Drain Reset Output Leakage Current
1
µA
WATCHDOG INPUT (ADM6316, ADM6317,
ADM6318, ADM6320, ADM6321)
Watchdog Timeout Period
ADM63xxxW
4.3
6.3
9.3
ms
ADM63xxxX
71
102
153
ms
ADM63xxxY
1.12
1.6
2.4
sec
ADM63xxxZ
17.9
25.6
38.4
sec
WDI Pulse Width
50
ns
VIL = 0.3 × VCC, VIH = 0.7 × VCC
WDI Input Threshold
0.3 × VCC
0.7 × VCC
V
WDI Input Current
120
160
µA
VWDI = VCC, time average
−20
−15
µA
VWDI = 0, time average


Similar Part No. - ADM6319DZ25ARJZR7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6319 AD-ADM6319 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM6319 AD-ADM6319 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319 AD-ADM6319 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6319 AD-ADM6319 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319 AD-ADM6319 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results

Similar Description - ADM6319DZ25ARJZR7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319 AD-ADM6319_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6321 AD-ADM6321_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com