Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF840 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IRF840
Description  8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF840 Datasheet(HTML) 4 Page - Intersil Corporation

  IRF840 Datasheet HTML 1Page - Intersil Corporation IRF840 Datasheet HTML 2Page - Intersil Corporation IRF840 Datasheet HTML 3Page - Intersil Corporation IRF840 Datasheet HTML 4Page - Intersil Corporation IRF840 Datasheet HTML 5Page - Intersil Corporation IRF840 Datasheet HTML 6Page - Intersil Corporation IRF840 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-260
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
10
110
102
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
103
102
1
1ms
10ms
DC
100
µs
10
µs
OPERATION IN THIS
REGION IS LIMITED
BY rDS(ON)
TJ = MAX RATED
SINGLE PULSE
TC = 25
oC
VDS, DRAIN TO SOURCE VOLTAGE (V)
50
100
150
200
0
15
12
9
0
6
PULSE DURATION = 80
µs
3
250
VGS = 5.0V
VGS = 6.0V
VGS = 10V
VGS = 4.0V
VGS = 4.5V
VGS = 5.5V
DUTY CYCLE = 0.5% MAX
VDS, DRAIN TO SOURCE VOLTAGE (V)
36
9
12
015
15
12
9
0
6
3
VGS = 10V
VGS = 4.0V
VGS = 6.0V
VGS = 5.5V
VGS = 4.5V
VGS = 5.0V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VSD, GATE TO SOURCE VOLTAGE (V)
100
10
0.1
0
2468
10
TJ = 150
oC
TJ = 25
oC
1
0.01
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDS ≥ 50V
TC, CASE TEMPERATURE (
oC)
816
24
040
10
8
6
0
4
2
32
VGS = 20V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
20
3.0
1.8
0.6
100
TJ, JUNCTION TEMPERATURE (
oC)
2.4
1.2
0
140
-40
60
160
120
80
40
0
-60
-20
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
ID = 4.4A, VGS = 10V
IRF840


Similar Part No. - IRF840

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
IRF840 MOTOROLA-IRF840 Datasheet
146Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
logo
Suntac Electronic Corp.
IRF840 SUNTAC-IRF840 Datasheet
132Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
IRF840 ETC2-IRF840 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
NXP Semiconductors
IRF840 PHILIPS-IRF840 Datasheet
60Kb / 7P
   PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
Inchange Semiconductor ...
IRF840 ISC-IRF840 Datasheet
118Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Similar Description - IRF840

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF440 INTERSIL-IRF440 Datasheet
55Kb / 7P
   8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
IRFP440 INTERSIL-IRFP440 Datasheet
56Kb / 7P
   8.8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
logo
Unisonic Technologies
8N50 UTC-8N50_12 Datasheet
182Kb / 6P
   8A, 500V N-CHANNEL POWER MOSFET
8N50H UTC-8N50H Datasheet
204Kb / 5P
   8A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT8N50 AOSMD-AOT8N50 Datasheet
147Kb / 6P
   500V, 8A N-Channel MOSFET
AOWF8N50 AOSMD-AOWF8N50 Datasheet
385Kb / 5P
   500V, 8A N-Channel MOSFET
logo
KIA Semiconductor Techn...
840U KIA-840U Datasheet
242Kb / 7P
   8A 500V N-CHANNEL MOSFET
logo
Unisonic Technologies
UF840 UTC-UF840 Datasheet
172Kb / 8P
   8A, 500V, 0.85ohm, N-CHANNEL POWER MOSFET
logo
Tak Cheong Electronics ...
TFP840 TAK_CHEONG-TFP840 Datasheet
343Kb / 7P
   N-Channel Power MOSFET 8A, 500V, 0.9廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com