Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM6317DW25ARJZR7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM6317DW25ARJZR7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6317DW25ARJZR7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM6317DW25ARJZR7 Datasheet HTML 2Page - Analog Devices ADM6317DW25ARJZR7 Datasheet HTML 3Page - Analog Devices ADM6317DW25ARJZR7 Datasheet HTML 4Page - Analog Devices ADM6317DW25ARJZR7 Datasheet HTML 5Page - Analog Devices ADM6317DW25ARJZR7 Datasheet HTML 6Page - Analog Devices ADM6317DW25ARJZR7 Datasheet HTML 7Page - Analog Devices ADM6317DW25ARJZR7 Datasheet HTML 8Page - Analog Devices ADM6317DW25ARJZR7 Datasheet HTML 9Page - Analog Devices ADM6317DW25ARJZR7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Data Sheet
Rev. F | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADM6316/
ADM6320
TOP VIEW
(Not to Scale)
RESET
1
GND
2
MR
3
VCC
WDI
5
4
Figure 3. ADM6316/ADM6320 Pin Configuration
ADM6317
TOP VIEW
(Not to Scale)
RESET
1
GND
2
MR
3
VCC
WDI
5
4
Figure 4. ADM6317 Pin Configuration
ADM6318/
ADM6321
TOP VIEW
(Not to Scale)
RESET
1
GND
2
RESET
3
VCC
WDI
5
4
Figure 5. ADM6318/ADM6321 Pin Configuration
ADM6319/
ADM6322
TOP VIEW
(Not to Scale)
RESET
1
GND
2
RESET
3
VCC
MR
5
4
Figure 6. ADM6319/ADM6322 Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RESET (ADM6316/ADM6318/ADM6319/
ADM6320/ADM6321/ADM6322)
Active-Low Reset Output. Asserted whenever VCC is below the reset
threshold, VTH.
Push-Pull Output Stage for the ADM6316/ADM6318/ADM6319.
Open-Drain Output Stage for the ADM6320/ADM6321/ADM6322.
RESET (ADM6317)
Active-High Push-Pull Reset Output.
2
GND (all models)
Ground.
3
MR (ADM6316/ADM6317/ADM6320)
Manual Reset Input. This is an active-low input that when forced low for at
least 1 µs, generates a reset. It features a 52 kΩ internal pull-up.
RESET (ADM6318/ADM6319/ADM6321/ADM6322)
Active-High Push-Pull Reset Output.
4
WDI (ADM6316/ADM6317/ADM6318/
ADM6320/ADM6321)
Watchdog Input. Generates a reset if the logic level on the pin remains low
or high for the duration of the watchdog timeout. The timer is cleared if a
logic transition occurs on this pin or if a reset is generated. Leave this pin
floating to disable the watchdog timer.
MR (ADM6319/ADM6322)
Manual Reset Input.
5
VCC (all models)
Power Supply Voltage Being Monitored.


Similar Part No. - ADM6317DW25ARJZR7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6317 AD-ADM6317 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM6317 AD-ADM6317 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6317 AD-ADM6317 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results

Similar Description - ADM6317DW25ARJZR7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319 AD-ADM6319_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6321 AD-ADM6321_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com