Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO6405 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO6405
Description  P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO6405 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  AO6405 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO6405 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO6405 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO6405 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
P-Channel MOSFET
AO6405 (KO6405)
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-30
V
VDS=-30V, VGS=0V
-1
VDS=-30V, VGS=0V, TJ=55℃
-5
Gate-Body leakage current
IGSS
VDS=0V, VGS=±20V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=-250μA
-1.4
-2.4
V
VGS=-10V, ID=-5A
52
VGS=-10V, ID=-5A TJ=125℃
70
VGS=-4.5V, ID=-4A
87
On state drain current
ID(ON)
VGS=-10V, VDS=-5V
-20
A
Forward Transconductance
gFS
VDS=-5V, ID=-5A
10
S
Input Capacitance
Ciss
520
Output Capacitance
Coss
100
Reverse Transfer Capacitance
Crss
65
Gate resistance
Rg
VGS=0V, VDS=0V, f=1MHz
3.5
11.5
Ω
Total Gate Charge (10V)
9.2
11
Total Gate Charge (4.5V)
4.6
6
Gate Source Charge
Qgs
1.6
Gate Drain Charge
Qgd
2.2
Turn-On DelayTime
td(on)
7.5
Turn-On Rise Time
tr
5.5
Turn-Off DelayTime
td(off)
19
Turn-Off Fall Time
tf
7
Body Diode Reverse Recovery Time
trr
11
Body Diode Reverse Recovery Charge
Qrr
5.3
nC
Maximum Body-Diode Continuous Current
IS
-2.5
A
Diode Forward Voltage
VSD
IS=-1A,VGS=0V
-1
V
Qg
pF
nC
IF=-5A, dI/dt=100A/μs
ns
VGS=-10V, VDS=-15V, RL=3Ω,
RGEN=3Ω
VGS=0V, VDS=-15V, f=1MHz
VGS=-10V, VDS=-15V, ID=-5A
Zero Gate Voltage Drain Current
IDSS
uA
RDS(On)
Static Drain-Source On-Resistance
* The static characteristics in Figures 1 to 6 are obtained using <300us pulses, duty cycle 0.5% max.
Marking
Marking
D5**


Similar Part No. - AO6405

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6405 AOSMD-AO6405 Datasheet
284Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6405 AOSMD-AO6405 Datasheet
506Kb / 5P
   30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6405-HF KEXIN-AO6405-HF Datasheet
2Mb / 4P
   P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6405L AOSMD-AO6405L Datasheet
284Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6405 AOSMD-AO6405_11 Datasheet
506Kb / 5P
   30V P-Channel MOSFET
More results

Similar Description - AO6405

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com