Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4453-HF Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO4453-HF
Description  P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO4453-HF Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  AO4453-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO4453-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO4453-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO4453-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd AO4453-HF Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
Typical Characterisitics
0
1
2
3
4
5
0
3
6
9
12
15
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
400
800
1200
1600
2000
2400
0
2
4
6
8
10
12
-VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
Coss
Crss
VDS=-6V
ID=-9A
0.0
0.1
1.0
10.0
100.0
0.01
0.1
1
10
100
-VDS (Volts)
Figure 10: Maximum Forward Biased
10µs
10s
1ms
DC
RDS(ON)
limited
TJ(Max)=150°C
TA=25°C
100µs
10ms
1
10
100
1000
1
10
100
1000
Time in avalanche, tA (µµµµs)
Figure 9: Single Pulse Avalanche capability
(Note
TA=25°C
TA=150°C
TA=100°C
TA=125°C
1
10
100
1000
10000
0
0
0
1
0
1
1
.
0
1
0
0
.
0
5
0
-
E
1
Pulse Width (s)
Figure 11: Single Pulse Power Rating Junction-to-Ambient (Note F)
TA=25°C
Figure 10: Maximum Forward Biased
Safe Operating Area (Note F)
Figure 9: Single Pulse Avalanche capability
(Note
C)
P-Channel MOSFET
AO4453-HF (KO4453-HF)


Similar Part No. - AO4453-HF

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4453 AOSMD-AO4453 Datasheet
344Kb / 6P
   12V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4453 WHXPCB-AO4453 Datasheet
2Mb / 6P
   12V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4453 KEXIN-AO4453 Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4453 VBSEMI-AO4453 Datasheet
1Mb / 6P
   P-Channel 12-V (D-S) MOSFET
More results

Similar Description - AO4453-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com