Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4449-HF Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO4449-HF
Description  P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO4449-HF Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  AO4449-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO4449-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO4449-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO4449-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd AO4449-HF Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
Typical Characterisitics
0
2
4
6
8
10
0
2
4
6
8
10
12
14
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
200
400
600
800
1000
1200
0
5
10
15
20
25
30
-VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
Coss
Crss
VDS=-15V
ID=-7A
0.0
0.1
1.0
10.0
100.0
0.01
0.1
1
10
100
-VDS (Volts)
Figure 10: Maximum Forward Biased Safe
Operating Area (Note F)
10µs
10s
1ms
DC
RDS(ON)
limited
TJ(Max)=150°C
TA=25°C
100µs
10ms
10.0
100.0
1
10
100
1000
Time in avalanche, tA (µµµµs)
Figure 9: Single Pulse Avalanche capability (Note C)
TA=25°C
TA=150°C
TA=100°C
TA=125°C
0
2
4
6
8
10
0
2
4
6
8
10
12
14
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
200
400
600
800
1000
1200
0
5
10
15
20
25
30
-VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
Coss
Crss
VDS=-15V
ID=-7A
1
10
100
1000
10000
0
0
0
1
0
1
1
.
0
1
0
0
.
0
1
0
0
0
0
.
0
Pulse Width (s)
Figure 11: Single Pulse Power Rating Junction-to-Ambient (Note F)
TA=25°C
0.0
0.1
1.0
10.0
100.0
0.01
0.1
1
10
100
-VDS (Volts)
Figure 10: Maximum Forward Biased Safe
Operating Area (Note F)
10µs
10s
1ms
DC
RDS(ON)
limited
TJ(Max)=150°C
TA=25°C
100µs
10ms
10.0
100.0
1
10
100
1000
Time in avalanche, tA (µµµµs)
Figure 9: Single Pulse Avalanche capability (Note C)
TA=25°C
TA=150°C
TA=100°C
TA=125°C
P-Channel MOSFET
AO4449-HF (KO4449-HF)


Similar Part No. - AO4449-HF

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4449 AOSMD-AO4449 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO4449 AOSMD-AO4449 Datasheet
615Kb / 6P
   30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4449 WHXPCB-AO4449 Datasheet
2Mb / 6P
   30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4449 KEXIN-AO4449 Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4449 VBSEMI-AO4449 Datasheet
959Kb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AO4449-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com