Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF430 Datasheet(PDF) 5 Page - Intersil Corporation

Part # IRF430
Description  4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF430 Datasheet(HTML) 5 Page - Intersil Corporation

  IRF430 Datasheet HTML 1Page - Intersil Corporation IRF430 Datasheet HTML 2Page - Intersil Corporation IRF430 Datasheet HTML 3Page - Intersil Corporation IRF430 Datasheet HTML 4Page - Intersil Corporation IRF430 Datasheet HTML 5Page - Intersil Corporation IRF430 Datasheet HTML 6Page - Intersil Corporation IRF430 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Typical Performance Curves Unless Otherwise Specified (Continued)
1.25
1.05
0.85
0
160
TJ, JUNCTION TEMPERATURE (
oC)
1.15
0.95
0.75
-40
40
80
120
ID = 250µA
VDS, DRAIN TO SOURCE VOLTAGE (V)
2000
1600
1200
800
400
0
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
CISS
COSS
1
10
20
30
40
50
CRSS
ID, DRAIN CURRENT (A)
12
3
4
05
5
4
3
0
2
1
TJ = 125
oC
TJ = 25
oC
TJ = -55
oC
80
µs PULSE TEST
VSD , SOURCE TO DRAIN VOLTAGE (V)
100
10
1
0
1
234
TJ = 150
oC
TJ = 25
oC
80
µs PULSE TEST
Qg(TOT), TOTAL GATE CHARGE (nC)
816
24
32
040
20
10
0
5
ID = 4.5A
15
VDS = 100V
VDS = 250V
VDS = 400V
IRF430


Similar Part No. - IRF430

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF430 SAMSUNG-IRF430 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF430 SEME-LAB-IRF430 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF430 FAIRCHILD-IRF430 Datasheet
141Kb / 6P
   N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
International Rectifier
IRF430 IRF-IRF430 Datasheet
146Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
logo
New Jersey Semi-Conduct...
IRF430 NJSEMI-IRF430 Datasheet
153Kb / 3P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
More results

Similar Description - IRF430

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF830 INTERSIL-IRF830 Datasheet
56Kb / 7P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
Harris Corporation
BUZ41A HARRIS-BUZ41A Datasheet
45Kb / 5P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
BUZ41A INTERSIL-BUZ41A Datasheet
41Kb / 5P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
logo
New Jersey Semi-Conduct...
IRF430 NJSEMI-IRF430 Datasheet
153Kb / 3P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
BUZ60B INTERSIL-BUZ60B Datasheet
42Kb / 5P
   4.5A, 400V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
IRFF430 INTERSIL-IRFF430 Datasheet
325Kb / 7P
   2.75A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
First Components Intern...
IRF830 FCI-IRF830 Datasheet
259Kb / 5P
   4.5A 500V N CHANNEL POWER MOSFET
IRF830FP FCI-IRF830FP Datasheet
405Kb / 5P
   4.5A 500V N CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
2N6784 FAIRCHILD-2N6784 Datasheet
90Kb / 7P
   2.25A, 200V, 1.500 Ohm, N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFF830 TAK_CHEONG-TFF830 Datasheet
310Kb / 7P
   N-Channel Power MOSFET 4.5A, 500V, 1.50廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com