Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR25FR-12LB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BCR25FR-12LB
Description  600V - 25A - Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR25FR-12LB Datasheet(HTML) 4 Page - Renesas Technology Corp

  BCR25FR-12LB_15 Datasheet HTML 1Page - Renesas Technology Corp BCR25FR-12LB_15 Datasheet HTML 2Page - Renesas Technology Corp BCR25FR-12LB_15 Datasheet HTML 3Page - Renesas Technology Corp BCR25FR-12LB_15 Datasheet HTML 4Page - Renesas Technology Corp BCR25FR-12LB_15 Datasheet HTML 5Page - Renesas Technology Corp BCR25FR-12LB_15 Datasheet HTML 6Page - Renesas Technology Corp BCR25FR-12LB_15 Datasheet HTML 7Page - Renesas Technology Corp BCR25FR-12LB_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BCR25FR-12LB
Preliminary
R07DS1155EJ0100 Rev.1.00
Page 4 of 7
Feb 28, 2014
RMS On-State Current (A)
Maximum On-State Power Dissipation
RMS On-State Current (A)
Allowable Case Temperature vs.
RMS On-State Current
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
Junction Temperature (°C)
Repetitive Peak Off-State Current vs.
Junction Temperature
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
0
10
20
30
40
0
1020
3040
0
20
40
60
80
100
120
140
160
010
20
30
40
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
120
140
160
010
20
30
40
0
1
2
3
4
5
101
102
103
102
103
104
105
106
-40
0
40
80
120
160
-40
0
40
80
120
160
120 120 t2.3
160 160 t2.3
100 100 t2.3
360° Conduction
Resistive,
inductive loads
Curves apply
regardless of
conduction angle
Natural convection
No Fins
Curves apply regardless
of conduction angle
Resistive, inductive loads
Typical Example
Curves apply regardless
of conduction angle
Resistive, inductive loads
Natural convection
All fins are black
painted aluminum
and greased
360° Conduction
Resistive,
inductive loads
Typical Example


Similar Part No. - BCR25FR-12LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR25FR-12LBBB0 RENESAS-BCR25FR-12LBBB0 Datasheet
493Kb / 9P
   600V - 25A - Triac Medium Power Use
May 31, 2018
BCR25FR-12LBBH0 RENESAS-BCR25FR-12LBBH0 Datasheet
493Kb / 9P
   600V - 25A - Triac Medium Power Use
May 31, 2018
More results

Similar Description - BCR25FR-12LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR25CM-12LB RENESAS-BCR25CM-12LB_15 Datasheet
224Kb / 8P
   600V - 25A - Triac Medium Power Use
BCR25FM-12LB RENESAS-BCR25FM-12LB_15 Datasheet
120Kb / 8P
   600V - 25A - Triac Medium Power Use
BCR25FM-12LB RENESAS-BCR25FM-12LB Datasheet
62Kb / 4P
   600V - 25A - Triac Medium Power Use
BCR25FR-12LB RENESAS-BCR25FR-12LB Datasheet
493Kb / 9P
   600V - 25A - Triac Medium Power Use
May 31, 2018
BCR25PM-14LJ RENESAS-BCR25PM-14LJ_15 Datasheet
120Kb / 8P
   700V - 25A - Triac Medium Power Use
BCR25FM-14LJ RENESAS-BCR25FM-14LJ_15 Datasheet
121Kb / 8P
   700V - 25A - Triac Medium Power Use
BCR25PM-14LJ RENESAS-BCR25PM-14LJ Datasheet
301Kb / 8P
   700V - 25A - Triac Medium Power Use
Jul 28, 2014
BCR8FM-12LB RENESAS-BCR8FM-12LB_15 Datasheet
138Kb / 8P
   600V - 8A - Triac Medium Power Use
BCR16CM-12LB RENESAS-BCR16CM-12LB_15 Datasheet
164Kb / 9P
   600V - 16A - Triac Medium Power Use
BCR5FM-12LB RENESAS-BCR5FM-12LB_15 Datasheet
63Kb / 4P
   600V - 5A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com