Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR1AM-14A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # BCR1AM-14A
Description  700V-1A-Triac Low Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR1AM-14A Datasheet(HTML) 3 Page - Renesas Technology Corp

  BCR1AM-14A_15 Datasheet HTML 1Page - Renesas Technology Corp BCR1AM-14A_15 Datasheet HTML 2Page - Renesas Technology Corp BCR1AM-14A_15 Datasheet HTML 3Page - Renesas Technology Corp BCR1AM-14A_15 Datasheet HTML 4Page - Renesas Technology Corp BCR1AM-14A_15 Datasheet HTML 5Page - Renesas Technology Corp BCR1AM-14A_15 Datasheet HTML 6Page - Renesas Technology Corp BCR1AM-14A_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BCR1AM-14A
Preliminary
R07DS1076EJ0200 Rev.1.00
Page 3 of 6
Apr 03, 2014
Performance Curves
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
Conduction Time (Cycles at 60Hz)
Maximum Transient Thermal
Impedance Characteristics
(Junction to case, Junction to ambient)
Conduction Time (Cycles at 60Hz)
4.4
2.4
0.8
0.4
1.2 1.6 2.0
2.8 3.2 3.6 4.0
102
7
5
3
2
101
7
5
3
2
100
7
5
3
2
10–1
100
25
101
4
2
37
102
42
5
37
4
6
8
10
0
101
23
10–1
57 100 23 5 7 101 23 5 7 102
103
7
5
3
2
102
7
5
3
2
7
5
3
2
100
23
102
57 103 23 5 7 104 23 5 7 105
Junction to ambient
Junction to case
Tj = 25°C
Gate Characteristics
10–1
100
101
102
103
101
100
10–2
IFGT I
IRGT I
IRGT III
IFGT III
IGM
= 0.5A
VGD = 0.1V
VGM = 6V
PG(AV)
= 0.1W
PGM =
1W
Gate Current (mA)
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
101
103
–60
–20
20
102
60
100
140
–40
0
40
80
120
IFGT I, IRGT III
IFGT III
IRGT I
Typical Example
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
101
103
–60
–20
20
102
60
100
140
–40
0
40
80
120
Typical Example
VFGT I
VRGTI
VRGTlll
VFGTlll


Similar Part No. - BCR1AM-14A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR1AM-14A-1 RENESAS-BCR1AM-14A-1 Datasheet
69Kb / 4P
   700V-1A-Triac Low Power Use
BCR1AM-14A-1TB RENESAS-BCR1AM-14A-1TB Datasheet
69Kb / 4P
   700V-1A-Triac Low Power Use
More results

Similar Description - BCR1AM-14A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR1AM-14A RENESAS-BCR1AM-14A Datasheet
69Kb / 4P
   700V-1A-Triac Low Power Use
BCR3AM-14B RENESAS-BCR3AM-14B Datasheet
386Kb / 9P
   700V - 3A - Triac Low Power Use
Feb. 22, 2022
BCR08AS-14A RENESAS-BCR08AS-14A Datasheet
68Kb / 4P
   700V - 0.8A - Triac Low Power Use
BCR08DS-14A RENESAS-BCR08DS-14A_13 Datasheet
105Kb / 7P
   700V-0.8A-Triac Low Power Use
BCR08ES-14A RENESAS-BCR08ES-14A Datasheet
102Kb / 4P
   700V - 0.8A - Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A_15 Datasheet
100Kb / 7P
   700V-0.8A-Triac Low Power Use
BCR3AS-14B RENESAS-BCR3AS-14B Datasheet
447Kb / 8P
   700V - 3A - Triac Low Power Use
May. 10, 2019
BCR08DS-14A RENESAS-BCR08DS-14A_15 Datasheet
275Kb / 8P
   700V-0.8A-Triac Low Power Use
BCR1BM-16A RENESAS-BCR1BM-16A_15 Datasheet
62Kb / 4P
   800V - 1A - Triac Low Power Use
BCR1BM-16A RENESAS-BCR1BM-16A Datasheet
62Kb / 4P
   800V - 1A - Triac Low Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com