Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ-1450 Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # SJ-1450
Description  Supplying Pin 1 of the SJ-1450 units with a logic 1 or open enables its pin 3 output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SJ-1450 Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SJ-1450 Datasheet HTML 1Page - Nel Frequency Controls,inc SJ-1450 Datasheet HTML 2Page - Nel Frequency Controls,inc SJ-1450 Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
CMOS
SJ-1450 Series
Description
The SJ-1450 Series of quartz crystal oscillators provide enable/disable 3-state CMOS compatible signals for
bus connected systems. Supplying Pin 1 of the SJ-1450 units with a logic “1" or open enables its pin 3
output. In the disabled mode, pin 3 presents a high impedance to the load. All units are designed to survive
wave soldering operations without damage.
Features
• Wide frequency range– 4.0MHz to 40.0MHz
• User specified tolerance available
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• Metal lid electrically connected to ground to reduce
EMI
• COTS/Dual use
• Low Jitter
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• Low power consumption
• Gold plated leads
• TTL compatible (HCT) at specified supply voltage
• RoHS Compliant, Lead Free Construction
Electrical Connection
Pin
Connection
1
Enable/Disable
Input
2
Ground
3
Output
4
V
DD
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0012R
Rev. L


Similar Part No. - SJ-1450

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SJ-1450 ETC1-SJ-1450 Datasheet
356Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

Similar Description - SJ-1450

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SJ-A1450 NEL-SJ-A1450_10 Datasheet
100Kb / 3P
   Supplying Pin 1 of the SJ-A1450 units with a logic 1 or open enables its pin 3 output
SJ-A1420 NEL-SJ-A1420_10 Datasheet
155Kb / 3P
   Supplying Pin 1 of the SJ-A1420 units with a logic 1 or open enables its pin 3 output
HS-1450 NEL-HS-1450_10 Datasheet
58Kb / 2P
   Supplying Pin 1 of the HS-1450 units with a logic 1 or open enables its pin 8 output
SJ-1520 NEL-SJ-1520_10 Datasheet
100Kb / 3P
   Supplying Pin 1 of the SJ-1520 units with a logic 1 enables its output on Pin 3
SC-A1470 NEL-SC-A1470_10 Datasheet
145Kb / 3P
   Supplying Pin 1 of the SC-A1470 units with a logic 1 or open enables its Pin 3 output
HS-1420 NEL-HS-1420_10 Datasheet
111Kb / 2P
   Supplying Pin 1 of the HS-1420 units with a logic 1 or open enables its output
HA-A1420 NEL-HA-A1420_10 Datasheet
113Kb / 2P
   Supplying Pin 1 of the HA-A1420 units with a logic 1 or open enables its output
HA-A1450 NEL-HA-A1450_10 Datasheet
60Kb / 2P
   Supplying Pin 1 of the HA-A1450 units with a logic 1 or open enables its pin 8 output
HS-1520 NEL-HS-1520_10 Datasheet
58Kb / 2P
   Supplying Pin 1 of the HS-1520 units with a logic 1 enables its output on Pin 8. In the disabled mode
logo
Panasonic Semiconductor
AN78XX PANASONIC-AN78XX Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com