Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF244 Datasheet(PDF) 3 Page - Intersil Corporation

Part # IRF244
Description  14A and 13A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF244 Datasheet(HTML) 3 Page - Intersil Corporation

  IRF244 Datasheet HTML 1Page - Intersil Corporation IRF244 Datasheet HTML 2Page - Intersil Corporation IRF244 Datasheet HTML 3Page - Intersil Corporation IRF244 Datasheet HTML 4Page - Intersil Corporation IRF244 Datasheet HTML 5Page - Intersil Corporation IRF244 Datasheet HTML 6Page - Intersil Corporation IRF244 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5-3
IRF244, IRF245, IRF246, IRF247
Input Capacitance
CISS
VGS = 0V, VDS = 25V, f = 1.0MHz
(Figure 11)
-
1300
-
pF
Output Capacitance
COSS
-
320
-
pF
Reverse-Transfer Capacitance
CRSS
-69-
pF
Internal Drain Inductance
LD
Measured Between
the Contact Screw on
the Flange that is
Closer to Source and
Gate Pins and the
Center of Die
Modified MOSFET
Symbol Showing the
Internal Devices
Inductances
-
5.0
-
nH
Internal Source Inductance
LS
Measured From The
Source Lead, 6mm
(0.25in) From the
Flange and the
Source Bonding Pad
-
12.5
-
nH
Junction to Case
RθJC
-
-
1.0
oC/W
Junction to Ambient
RθJA
Free Air Operation
-
-
30
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET
Symbol Showing the
Integral Reverse
P-N Junction Diode
-
-
14
A
Pulse Source to Drain Current
(Note 3)
ISM
-
-
56
A
Source to Drain Diode Voltage (Note 2)
VSD
TJ = 25
oC, I
SD = 14A, VGS = 0V (Figure 13)
-
-
1.8
V
Reverse Recovery Time
trr
TJ = 25
oC, I
SD = 14A, dISD/dt = 100A/µs
150
300
640
ns
Reverse Recovered Charge
QRR
TJ = 25
oC, I
SD = 14A, dISD/dt = 100A/µs
1.6
3.4
7.2
µC
Forward Turn-On Time
tON
Intrinsic Turn-On Time is Negligible, Turn-On
Speed is Substantially Controlled by LS + LD
--
-
-
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by Max junction temperature. See Transient Thermal Impedance curve (Figure 3).
4. VDD = 50V, starting TJ = 25
oC, L = 4.5mH, R
G = 25Ω, peak IAS = 14A. See Figures 15, 16.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
LS
LD
G
D
S
G
D
S


Similar Part No. - IRF244

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF244 ISC-IRF244 Datasheet
48Kb / 2P
   Static Drain-Source On-Resistance
More results

Similar Description - IRF244

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFP244 INTERSIL-IRFP244 Datasheet
68Kb / 7P
   15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
IRF234 INTERSIL-IRF234 Datasheet
69Kb / 7P
   8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs
January 1998
logo
MagnaChip Semiconductor...
MDP14N25C MGCHIP-MDP14N25C Datasheet
846Kb / 6P
   N-Channel MOSFET 250V, 14A, 0.28(ohm)
logo
Intersil Corporation
IRF646 INTERSIL-IRF646 Datasheet
60Kb / 7P
   14A, 275V, 0.280 Ohm, N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDD14N25C MGCHIP-MDD14N25C Datasheet
844Kb / 6P
   N-Channel MOSFET 250V, 10.2A, 0.28(ohm)
logo
Fairchild Semiconductor
RFD14N05 FAIRCHILD-RFD14N05 Datasheet
157Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF530 NJSEMI-IRF530 Datasheet
153Kb / 3P
   14A, 100V, 0.160 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
IRF220 INTERSIL-IRF220 Datasheet
68Kb / 7P
   4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs
IRF420 INTERSIL-IRF420 Datasheet
69Kb / 7P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com