Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF221 Datasheet(PDF) 6 Page - Intersil Corporation

Part # IRF221
Description  4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF221 Datasheet(HTML) 6 Page - Intersil Corporation

  IRF221 Datasheet HTML 1Page - Intersil Corporation IRF221 Datasheet HTML 2Page - Intersil Corporation IRF221 Datasheet HTML 3Page - Intersil Corporation IRF221 Datasheet HTML 4Page - Intersil Corporation IRF221 Datasheet HTML 5Page - Intersil Corporation IRF221 Datasheet HTML 6Page - Intersil Corporation IRF221 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Typical Performance Curves Unless Otherwise Specified (Continued)
5
4
3
2
1
0
0246
8
10
ID, DRAIN CURRENT (A)
VDS > ID(ON) x rDS(ON)MAX
80
µs PULSE TEST
TJ = 125
oC
TJ = -55
oC
TJ = 25
oC
2
100
10
1.0
01
2
3
4
VSD, SOURCE TO DRAIN VOLTAGE (V)
TJ = 150
oC
TJ = 150
oC
TJ = 25
oC
TJ = 25
oC
20
15
10
5
0
04
8
12
16
20
Qg(TOT), TOTAL GATE CHARGE (nC)
ID = 6.0A
VDS = 160V
IRF220, IRF222
VDS = 40V
VDS = 100V
IRF220, IRF221, IRF222, IRF223


Similar Part No. - IRF221

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF221 SAMSUNG-IRF221 Datasheet
209Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF221 FAIRCHILD-IRF221 Datasheet
165Kb / 5P
   N-Channel Power MOSFETs, 7A, 150-200V
logo
New Jersey Semi-Conduct...
IRF221 NJSEMI-IRF221 Datasheet
135Kb / 3P
   Nanosecond Switching Speeds
logo
Inchange Semiconductor ...
IRF221 ISC-IRF221 Datasheet
48Kb / 2P
   High Speed Applications
logo
ARTSCHIP ELECTRONICS CO...
IRF221 ARTSCHIP-IRF221 Datasheet
154Kb / 5P
   N-Channel Power Mosfets
More results

Similar Description - IRF221

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF9230 INTERSIL-IRF9230 Datasheet
72Kb / 7P
   -5.5A and -6.5A, -150V and -200V, 0.8 and 1.2 Ohm, P-Channel Power MOSFETs
IRF230 INTERSIL-IRF230 Datasheet
69Kb / 7P
   8.0A and 9.0A, 150V and 200V, 0.4 and 0.6 Ohm, N-Channel Power MOSFETs
logo
Harris Corporation
IRFD210 HARRIS-IRFD210 Datasheet
360Kb / 6P
   0.6A AND 0.45A, 150V AND 200V, 1.5 AND 2.4 OHM, N-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRFAC40 INTERSIL-IRFAC40 Datasheet
67Kb / 7P
   6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
logo
Harris Corporation
IRFBC40 HARRIS-IRFBC40 Datasheet
66Kb / 7P
   6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFL1N12 INTERSIL-RFL1N12 Datasheet
43Kb / 5P
   1A, 120V and 150V, 1.9 Ohm, N-Channel Power MOSFETs
RFP2N12 INTERSIL-RFP2N12 Datasheet
35Kb / 5P
   2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs
RFL4N12 INTERSIL-RFL4N12 Datasheet
31Kb / 4P
   4A, 120V and 150V, 0.400 Ohm, N-Channel Power MOSFETs
RFL1N18 INTERSIL-RFL1N18 Datasheet
43Kb / 5P
   1A, 180V and 200V, 3.65 Ohm, N-Channel Power MOSFETs
RFK25N18 INTERSIL-RFK25N18 Datasheet
42Kb / 5P
   25A, 180V and 200V, 0.150 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com