Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC3211GR-E1 Datasheet(PDF) 10 Page - NEC

Part # UPC3211GR-E1
Description  AGC AMPLIFIER FOR DIGITAL CATV RETURN PASS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3211GR-E1 Datasheet(HTML) 10 Page - NEC

Back Button UPC3211GR-E1 Datasheet HTML 6Page - NEC UPC3211GR-E1 Datasheet HTML 7Page - NEC UPC3211GR-E1 Datasheet HTML 8Page - NEC UPC3211GR-E1 Datasheet HTML 9Page - NEC UPC3211GR-E1 Datasheet HTML 10Page - NEC UPC3211GR-E1 Datasheet HTML 11Page - NEC UPC3211GR-E1 Datasheet HTML 12Page - NEC UPC3211GR-E1 Datasheet HTML 13Page - NEC UPC3211GR-E1 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet P13564EJ3V0DS00
10
µµµµPC3211GR
∆ 1: 5 MHz
533.6
−16.4 Ω
∆ 2: 40 MHz
515.2
−81.4 Ω
∆ 3: 65 MHz
493.7
−123.3 Ω
∆ 4: 100 MHz
455.9
−190.3 Ω
TA = +25°C
VCC = 9 V
V (Psave) = 9 V
Pin =
−20 dBm
∆ 1: 5 MHz
9.779
−2.306 Ω
∆ 2: 40 MHz
10.066
3.033
∆ 3: 65 MHz
10.574
5.237
∆ 4: 100 MHz
11.88
7.805
TA = +25°C
VCC = 9 V
V (Psave) = 9 V
Pin =
−20 dBm
STANDARD CHARACTERISTICS
INPUT IMPEDANCE (19 PIN)
S11
hp
1 U FS
START
.100 000 MHz
STOP
100.000 000 MHz
3
OUTPUT IMPEDANCE (11 PIN)
S22
1 U FS
START
5.000 000 MHz
STOP
100.000 000 MHz
1
3
4
2
hp


Similar Part No. - UPC3211GR-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3210TB-E3 NEC-UPC3210TB-E3 Datasheet
87Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3215TB NEC-UPC3215TB Datasheet
68Kb / 8P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC3215TB CEL-UPC3215TB Datasheet
416Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC3215TB NEC-UPC3215TB Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results

Similar Description - UPC3211GR-E1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7796T SANYO-LA7796T Datasheet
113Kb / 8P
   For Digital CATV/Cable Modem Receiver AGC Amplifier
LA8123TT SANYO-LA8123TT Datasheet
89Kb / 7P
   Monolithic Linear IC For Digital CATV/Cable Modem Receiver AGC Amplifier
logo
M/A-COM Technology Solu...
MAAM-011184 MA-COM-MAAM-011184 Datasheet
900Kb / 7P
   CATV Return Path Amplifier
MAAM-011185 MA-COM-MAAM-011185 Datasheet
936Kb / 7P
   CATV Return Path Differential Amplifier
MAAM-011156 MA-COM-MAAM-011156 Datasheet
986Kb / 10P
   Amplifier, CATV Return Path Differential
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
   AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
   AGC Amplifier
logo
Texas Instruments
SN761666 TI-SN761666 Datasheet
156Kb / 9P
[Old version datasheet]   AGC AMPLIFIER
SN761643 TI1-SN761643 Datasheet
842Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com