Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM5180 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM5180
Description  Octal, RS-232/RS-423 Line Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM5180 Datasheet(HTML) 3 Page - Analog Devices

  ADM5180_15 Datasheet HTML 1Page - Analog Devices ADM5180_15 Datasheet HTML 2Page - Analog Devices ADM5180_15 Datasheet HTML 3Page - Analog Devices ADM5180_15 Datasheet HTML 4Page - Analog Devices ADM5180_15 Datasheet HTML 5Page - Analog Devices ADM5180_15 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ORDERING GUIDE
Model
Temperature Range
Package Option
ADM5180JN
0
°C to +70°C
N-28
ADM5180AN
–40
°C to +85°C
N-28
ADM5180JP
0
°C to +70°C
P-28A
ADM5180AP
–40
°C to +85°C
P-28A
REV. 0
–3–
ADM5180
ABSOLUTE MAXIMUM RATINGS1
(T
A = 25°C unless otherwise noted)
V
DD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
Common-Mode Input Voltage . . . . . . . . . . . . . . . . . . . . . . +15 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . +25 V
Failsafe Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to V
CC
Output Short Circuit Duration . . . . . . . . . . . . . . . . . Continuous2
Power Dissipation Plastic DIP . . . . . . . . . . . . . . . . . . . . 1250 mW
(Derate at 12.5 mW/
°C Above +50°C)
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . . . . 75
°C/W
Power Dissipation PLCC . . . . . . . . . . . . . . . . . . . . . . . 1000 mW
(Derate at 12.5 mW/
°C Above +50°C)
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . . . +80
°C/W
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADM5180 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
8mA
440µA
TO
OUTPUT
PIN
50pF
+2.1V
Figure 2. Timing Test Load
VIN
VOUT
0
VTH2
VTL2
VTH1
VTL1
VH1
VH2
FS = GND
FS = VDD
Figure 1. V
TL, VTH, VH Definition
(VIN+) – (VIN–)
OUTPUT
t
PLH
t
PHL
50%
50%
Figure 3. Timing Waveform
W
Operating Temperature Range
Commercial ( J Version) . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Industrial (A Version) . . . . . . . . . . . . . . . . . . . –40
°C to +80°C
Lead Temperature (Soldering 10 sec) . . . . . . . . . . . . . . . . +300
°C
Vapour Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
NOTES
1This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation sections of this speci-
fication is not implied. Exposure to absolute maximum rating conditions for
extended periods of time may affect reliability.
2Only one output should be shorted at any time.


Similar Part No. - ADM5180_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM5180AN AD-ADM5180AN Datasheet
101Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5180AN AD-ADM5180AN Datasheet
109Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5180AP AD-ADM5180AP Datasheet
101Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5180AP AD-ADM5180AP Datasheet
109Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5180JN AD-ADM5180JN Datasheet
101Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
More results

Similar Description - ADM5180_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM5180 AD-ADM5180 Datasheet
101Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5180JPZ AD-ADM5180JPZ Datasheet
109Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5170 AD-ADM5170 Datasheet
133Kb / 6P
   Octal, RS-232/RS-423 Line Driver
REV. 0
ADM5170 AD-ADM5170_V01 Datasheet
152Kb / 7P
   Octal, RS-232/RS-423 Line Driver
REV.A
ADM5170 AD-ADM5170_15 Datasheet
142Kb / 6P
   Octal, RS-232/RS-423 Line Driver
REV. 0
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
   Quad RS-422, RS-423 Line Receiver
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
   Quad RS-422, RS-423 Line Receiver
logo
Texas Instruments
DS3486MX TI1-DS3486MX Datasheet
767Kb / 12P
[Old version datasheet]   DS3486 Quad RS-422, RS-423 Line Receiver
logo
Exar Corporation
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
   QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com