Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM5180 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM5180
Description  Octal, RS-232/RS-423 Line Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM5180 Datasheet(HTML) 2 Page - Analog Devices

  ADM5180_15 Datasheet HTML 1Page - Analog Devices ADM5180_15 Datasheet HTML 2Page - Analog Devices ADM5180_15 Datasheet HTML 3Page - Analog Devices ADM5180_15 Datasheet HTML 4Page - Analog Devices ADM5180_15 Datasheet HTML 5Page - Analog Devices ADM5180_15 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
POWER REQUIREMENTS
V
DD
4.75
5.25
V
I
DD
3.5
5
mA
INPUTS
Input Resistance, R
IN
37
k
3 V
≤|V
IN|≤ 25 V
Differential Input High Threshold, V
TH
50
200
mV
R
S = 0 Ω, VOUT = 2.7 V, IOUT = –440 µA, See Figure 1
400
mV
R
S = 500 Ω, VOUT = 2.7 V, IOUT = –440 µA, See Figure 1
Differential Input Low Threshold, V
TL
–200
–50
mV
R
S = 0 Ω, VOUT = 0.45 V, IOUT = 8 mA, See Figure 1
–400
mV
R
S = 500 Ω, VOUT = 0.45 V, IOUT = 8 mA, See Figure 1
Hysteresis, V
H
50
140
mV
FS1, FS2 = 0 V or V
DD, See Figure 1
Open Circuit Input Voltage, V
IOC
60
mV
Input Capacitance
20
pF
Input Current, I
IN
3.25
mA
V
IN = +10 V
–3.25
mA
V
IN = –10 V
OUTPUTS
High Level Output Voltage,V
OH
2.7
V
V
ID = 1.0 V, IOUT = –440 µA
Low Level Output Voltage ,V
OL
0.4
V
V
ID = –1.0 V, IOUT = 4 mA
0.45
V
V
ID = –1.0 V, IOUT = 8 mA, TA = 0ºC to +70ºC
Short Circuit O/P Current, I
OS
100
mA
Note 1
FAILSAFE FUNCTION
Failsafe Output Voltage, V
OFS
Inputs Open or Shorted Together or One Input Open
and One Grounded
0.40
V
0
≤ I
OUT ≤ 4 mA; FS1, FS2 = 0 V
0.45
V
0
≤ I
OUT ≤ 8 mA, TA = 0ºC to +70ºC; FS1, FS2 = 0 V
2.7
V
0
≥ I
OUT ≥ –400 µA; FS1, FS2 = VDD
FS1, FS2 Input Current
–10
+10
µA
REV. 0
ADM5180–SPECIFICATIONS
–2–
(V
DD = +5 V
± 5%, Input Common-Mode Range = ±7 V. All Specifications T
MIN to
T
MAX unless otherwise noted.)
TIMING CHARACTERISTICS
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
Propagation Delay–Low to High
550
ns
C
L = 50 pF, VIN = ± 500 mV
Propagation Delay–High to Low
550
ns
C
L = 50 pF, VIN = ± 500 mV
Acceptable Input Frequency
0.1
MHz
Unused Input Grounded, V
IN = ± 200 mV
Rejectable Input Frequency
5.5
MHz
Unused Input Grounded, V
IN = ± 500 mW
(V
DD = +5 V
± 5%. All Specifications T
MIN to TMAX unless otherwise noted)
NOTE
1Only one output may be shorted at any time.
Specifications subject to change without notice.
Specifications subject to change without notice.


Similar Part No. - ADM5180_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM5180AN AD-ADM5180AN Datasheet
101Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5180AN AD-ADM5180AN Datasheet
109Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5180AP AD-ADM5180AP Datasheet
101Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5180AP AD-ADM5180AP Datasheet
109Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5180JN AD-ADM5180JN Datasheet
101Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
More results

Similar Description - ADM5180_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM5180 AD-ADM5180 Datasheet
101Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5180JPZ AD-ADM5180JPZ Datasheet
109Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5170 AD-ADM5170 Datasheet
133Kb / 6P
   Octal, RS-232/RS-423 Line Driver
REV. 0
ADM5170 AD-ADM5170_V01 Datasheet
152Kb / 7P
   Octal, RS-232/RS-423 Line Driver
REV.A
ADM5170 AD-ADM5170_15 Datasheet
142Kb / 6P
   Octal, RS-232/RS-423 Line Driver
REV. 0
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
   Quad RS-422, RS-423 Line Receiver
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
   Quad RS-422, RS-423 Line Receiver
logo
Texas Instruments
DS3486MX TI1-DS3486MX Datasheet
767Kb / 12P
[Old version datasheet]   DS3486 Quad RS-422, RS-423 Line Receiver
logo
Exar Corporation
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
   QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com