Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IH6108CPE Datasheet(PDF) 4 Page - Intersil Corporation

Part # IH6108CPE
Description  8-Channel CMOS Analog Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IH6108CPE Datasheet(HTML) 4 Page - Intersil Corporation

  IH6108CPE Datasheet HTML 1Page - Intersil Corporation IH6108CPE Datasheet HTML 2Page - Intersil Corporation IH6108CPE Datasheet HTML 3Page - Intersil Corporation IH6108CPE Datasheet HTML 4Page - Intersil Corporation IH6108CPE Datasheet HTML 5Page - Intersil Corporation IH6108CPE Datasheet HTML 6Page - Intersil Corporation IH6108CPE Datasheet HTML 7Page - Intersil Corporation IH6108CPE Datasheet HTML 8Page - Intersil Corporation IH6108CPE Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
12-131
IH6108 Application Information
ENABLE Input Strobing Levels
The ENABLE input on the IH6108 requires a minimum of
+4.5V to trigger to the “1” state and a maximum of +0.8V to
trigger to the “0” state. If the ENABLE input is being driven
from TTL logic, a pull-up resistor of 1k to 3k
Ω is required
from the gate output to +5V supply. (See Figure 4.)
When the EN input is driven from CMOS logic, no pullup is
necessary, see Figure 5.
The supply voltage of the CD4009 affects the switching
speed of the IH6108; the same is true for TTL supply voltage
levels. The following chart shows the effect, on ttrans for a
supply varying from +4.5V to +5.5V.
The throughput rate can therefore be maximized by using a
+5V to +5.5V supply for the ENABLE Strobe Logic.
The examples shown in Figures 4 and 5 deal with ENABLE
strobing when expansion to more than eight channels is
required. In these cases the EN terminal acts as a fourth
address input. If eight channels or less are being multi-
plexed, the EN terminal can be directly connected to +5V
logic supply to enable the IH6108 at all times.
Using the IH6108 with Supplies Other Than
±15V
The IH6108 can be used with power supplies ranging from
±6V to ±16V. The switch rDS(ON) will increase as the supply
voltages decrease, however, the multiplexer error term (the
product of leakage times rDS(ON)) will remain approximately
constant since leakage decreases as the supply voltages
are reduced.
Caution must be taken to ensure that the enable (EN)
voltage is at least 0.7V below V+ at all times. If this is not
done, the Address input strobing levels will not function
properly. This may be achieved quite simply by connecting
EN (pin 2) to V+ (pin 13) via a silicon diode as shown in
Figure 6. When using this type of configuration, a further
requirement must be met: the strobe levels of A0 and A1
must be within 2.5V of the EN voltage in order to define a
binary “1” state. For the case shown in Figure 6 the EN volt-
age is 11.3V which means that logic high at A0 and A1 is
+8.8V (logic low continues to be 0.8V). In this configuration
the IH6108 cannot be driven by TTL (+5V) or CMOS (+5V)
logic. It can be driven by TTL open collector logic or CMOS
logic with +12V supplies.
If the logic and the IH6108 have common supplies, the EN
pin should again be connected to the supply through a
silicon diode. In this case, tying EN to the logic supply
directly will not work since it violates the 0.7V differential
voltage required between V+ and EN, (See Figure 7). A 1
µF
capacitor can be placed across the diode to minimize
switching glitches.
FIGURE 2. tOPEN (BREAK-BEFORE-MAKE) SWITCHING TEST CIRCUIT AND WAVEFORMS
FIGURE 3. tON AND tOFF SWITCHING TEST CIRCUIT AND WAVEFORMS
Switching Information (Continued)
-2V
S2
THRU
S7
S8
A2
A1
A0
+15V
-15V
D
VOUT
IH6108
EN
35pF
V-
GND
VA
200
+5V
S1
3V
0.8V
tOPEN
VA
tr < 100ns
tf < 100ns
0.8V
S1 ON
S8 ON
50%
50%
tOPEN
VS1 = -2V
VOUT
VS1
S2
THRU
S8
A2
A1
A0
+15V
-15V
VOUT
IH6108
EN
35pF
GND
VEN
1k
S1
OUT
5V
0.8V
VEN
tr < 100ns
tf < 100ns
0V
50%
tEN(OFF)
VS1 = -2V
VOUT
90%
tEN(ON)
10%
CMOS OR TTL
SUPPLY VOLTAGE
TYPICAL TTRANS
AT 25oC
+4.5V
400ns
+4.75V
300ns
+5.00V
250ns
+5.25V
200ns
+5.50V
175ns
IH6108


Similar Part No. - IH6108CPE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IH6108 INTERSIL-IH6108 Datasheet
4Mb / 122P
   P-CHANNEL JFET
IH6108 INTERSIL-IH6108 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
More results

Similar Description - IH6108CPE

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
IH6208 HARRIS-IH6208 Datasheet
63Kb / 7P
   8-Channel CMOS Analog Multiplexer
logo
Renesas Technology Corp
HI-508 RENESAS-HI-508 Datasheet
766Kb / 11P
   Single 8-Channel CMOS Analog Multiplexer
May 3, 2012
logo
Texas Instruments
CD4051B TI1-CD4051B_15 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
logo
Maxim Integrated Produc...
DG408409 MAXIM-DG408409 Datasheet
35Kb / 5P
   IMPROVED 8-CHANNEL/DUAL 4-CHANNEL CMOS ANALOG MULTIPLEXER
19-0088 Rev. C
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
logo
Renesas Technology Corp
HI-1818A RENESAS-HI-1818A Datasheet
337Kb / 8P
   Low Resistance, Single 8-Channel, CMOS Analog Multiplexer
November 19, 2004
logo
National Semiconductor ...
LF13508 NSC-LF13508 Datasheet
334Kb / 16P
   8-Channel Analog Multiplexer
logo
Maxim Integrated Produc...
MAX35859 MAXIM-MAX35859 Datasheet
33Kb / 4P
   8-CHANNEL/DUAL 4-CHANNEL MONOLITHIC CMOS, ANALOG MULTIPLEXER
Rev. B
logo
Fairchild Semiconductor
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com