Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-A1420 Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # HA-A1420
Description  Supplying Pin 1 of the HA-A1420 units with a logic 1 or open enables its output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

HA-A1420 Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  HA-A1420_10 Datasheet HTML 1Page - Nel Frequency Controls,inc HA-A1420_10 Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
CMOS
HA-A1420 Series
Description
The HA-A1420 Series of quartz crystal oscillators provide enable/disable 3-state CMOS compatible signals
for bus connected systems. Supplying Pin 1 of the HA-A1420 units with a logic “1" or open enables its
output. In the disabled mode, output pin presents a high impedance to the load. All units are resistance
welded in an all metal package, offering RFI shielding, and are designed to survive standard wave soldering
operations without damage. Insulated standoffs to enhance board cleaning are standard.
Features
• Wide frequency range– 1.0MHz to 80.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• All metal, resistance weld, hermetically sealed
package
• 3.3 Volt operation
• Low Jitter
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• Low power consumption
• Gold plated leads - Solder dipped leads available
upon request
• RoHS Compliant, Lead Free Construction
(unless solder dipped leads are supplied)
• COTS/Dual use
Electrical Connection
Pin
Connection
1
Enable Input
4
Grd & Case
5
Output
8
V
DD
Dimensions are in inches and (MM)
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0016C
Rev. K


Similar Part No. - HA-A1420_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA-A1420 ETC1-HA-A1420 Datasheet
284Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

Similar Description - HA-A1420_10

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SJ-A1420 NEL-SJ-A1420_10 Datasheet
155Kb / 3P
   Supplying Pin 1 of the SJ-A1420 units with a logic 1 or open enables its pin 3 output
HA-A1450 NEL-HA-A1450_10 Datasheet
60Kb / 2P
   Supplying Pin 1 of the HA-A1450 units with a logic 1 or open enables its pin 8 output
HS-1420 NEL-HS-1420_10 Datasheet
111Kb / 2P
   Supplying Pin 1 of the HS-1420 units with a logic 1 or open enables its output
SJ-1450 NEL-SJ-1450 Datasheet
100Kb / 3P
   Supplying Pin 1 of the SJ-1450 units with a logic 1 or open enables its pin 3 output
SJ-A1450 NEL-SJ-A1450_10 Datasheet
100Kb / 3P
   Supplying Pin 1 of the SJ-A1450 units with a logic 1 or open enables its pin 3 output
HS-1450 NEL-HS-1450_10 Datasheet
58Kb / 2P
   Supplying Pin 1 of the HS-1450 units with a logic 1 or open enables its pin 8 output
SC-A1470 NEL-SC-A1470_10 Datasheet
145Kb / 3P
   Supplying Pin 1 of the SC-A1470 units with a logic 1 or open enables its Pin 3 output
SJ-1520 NEL-SJ-1520_10 Datasheet
100Kb / 3P
   Supplying Pin 1 of the SJ-1520 units with a logic 1 enables its output on Pin 3
HS-1520 NEL-HS-1520_10 Datasheet
58Kb / 2P
   Supplying Pin 1 of the HS-1520 units with a logic 1 enables its output on Pin 8. In the disabled mode
logo
Unisonic Technologies
U74LVC2G19 UTC-U74LVC2G19 Datasheet
161Kb / 5P
   The U74LVC1G19 is a 1-of-2 decoder / demultiplexer with a common output enable.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com