Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM4210 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM4210
Description  Hot Swap Controller in 6-Lead TSOT Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4210 Datasheet(HTML) 1 Page - Analog Devices

  ADM4210_15 Datasheet HTML 1Page - Analog Devices ADM4210_15 Datasheet HTML 2Page - Analog Devices ADM4210_15 Datasheet HTML 3Page - Analog Devices ADM4210_15 Datasheet HTML 4Page - Analog Devices ADM4210_15 Datasheet HTML 5Page - Analog Devices ADM4210_15 Datasheet HTML 6Page - Analog Devices ADM4210_15 Datasheet HTML 7Page - Analog Devices ADM4210_15 Datasheet HTML 8Page - Analog Devices ADM4210_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Hot Swap Controller
in 6-Lead TSOT Package
Data Sheet
ADM4210
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Controls supply rails from 2.7 V to 16.5 V
Allows protected board removal and insertion to a live
backplane
External sense resistor provides adjustable analog current
limit with circuit breaker
Peak fault current limited with fast response
Charge pumped gate drive for external N-FET switch
Automatic retry or latch-off during current fault
Undervoltage lockout
Low profile (1 mm), 6-lead, TSOT package
Pin compatible with LTC4210-1 and LTC4210-2
APPLICATIONS
Hot swap board insertion: line cards, raid systems
Industrial high-side switches/circuit breakers
Electronic circuit breakers
GENERAL DESCRIPTION
The ADM4210 is a hot swap controller that safely enables a
printed circuit board to be removed and inserted to a live
backplane. This is achieved using an external N-channel power
MOSFET with a current control loop that monitors the load
current through a sense resistor. An internal charge pump is
used to enhance the gate of the N-channel FET. When an
overcurrent condition is detected, the gate voltage of the FET is
reduced to limit the current flowing through the sense resistor.
During an overcurrent condition, the TIMER cap determines
the amount of time the FET remains at a current limiting mode
of operation until it is shut down. The ON (ON-CLR) pin is the
enable input for the device and can be used to monitor the
input supply voltage. The ADM4210 operates with a supply
voltage ranging from 2.7 V to 16.5 V.
The ADM4210 is available in two options: the ADM4210-1 with
automatic retry for overcurrent fault and the ADM4210-2 with
latch off for an overcurrent fault. Toggling the ON (ON-CLR)
pin resets a latched fault. The ADM4210 is packaged in a
6-lead TSOT.
FUNCTIONAL BLOCK DIAGRAM
LONG
VIN = 5V
VOUT = 5V
VCC
RSENSE
0.01Ω
Q1
CTIMER
0.22µF
CTIMER
GATE
LONG
1.3V
SHORT
SENSE
GATE
DRIVE/
LOGIC
ON
TIMER
ADM4210
GND
GND
GND
RON1
20kΩ
RG
100Ω
RC
100Ω
CC
0.01µF
RON2
10kΩ
CLOAD
470µF
+
Figure 1.
10ms/DIV
VON
(2V/DIV)
VTIMER
(1V/DIV)
VOUT
(5V/DIV)
IOUT
(0.5A/DIV)
CLOAD = 470µF
Figure 2. Start-Up Sequence


Similar Part No. - ADM4210_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4210-1AUJZ-RL7 AD-ADM4210-1AUJZ-RL7 Datasheet
307Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. 0
More results

Similar Description - ADM4210_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4210 AD-ADM4210 Datasheet
307Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. 0
logo
Linear Technology
LTC4210-1 LINER-LTC4210-1_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-3 LINER-LTC4210-3_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-3 LINER-LTC4210-3 Datasheet
224Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1CS6 LINER-LTC4210-1CS6 Datasheet
246Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-4 LINER-LTC4210-4_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-2 LINER-LTC4210-2_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com