Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7228AIJI Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICM7228AIJI
Description  8-Digit, Microprocessor- Compatible, LED Display Decoder Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7228AIJI Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICM7228AIJI Datasheet HTML 2Page - Intersil Corporation ICM7228AIJI Datasheet HTML 3Page - Intersil Corporation ICM7228AIJI Datasheet HTML 4Page - Intersil Corporation ICM7228AIJI Datasheet HTML 5Page - Intersil Corporation ICM7228AIJI Datasheet HTML 6Page - Intersil Corporation ICM7228AIJI Datasheet HTML 7Page - Intersil Corporation ICM7228AIJI Datasheet HTML 8Page - Intersil Corporation ICM7228AIJI Datasheet HTML 9Page - Intersil Corporation ICM7228AIJI Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
9-22
Digit Drive Current, IDIG
Common Anode, VDD = 5V
VOUT = VDD - 2.0V
200
-
-
170
-
-
mA
Common Cathode, VDD = 5V
VOUT = VSS + 1.0V
50
-
-
35
-
-
mA
Digit Leakage Current, IDLK
Shutdown Mode, VOUT = 2.0V
Common Anode, ICM7228A/C
-
1
100
-
1
100
µA
Shutdown Mode, VOUT = 5.0V
Common Cathode, 7228B/D
-
1
100
-
1
100
µA
Peak Segment Drive Current, ISEG Common Anode, ICM7228A/C
VOUT = VSS + 1.0V, VDD = 5V
20
25
-
20
25
-
mA
Common Cathode, 7228B/D
VOUT = VDD - 2.0V, VDD = 5V
10
12
-
10
12
-
mA
Segment Leakage Current, ISLK
Shutdown Mode, VOUT = VDD
Common Anode, ICM7228A/C
-1
50
-1
50
µA
Shutdown Mode, VOUT = VSS
Common Cathode, ICM7228B/D
-1
50
-1
50
µA
Input Leakage Current, IIL
All Inputs Except Pin 9
ICM7228C, ICM7228D VIN = VSS
--
1
-
-
1
µA
All Inputs Except Pin 9
ICM7228C, ICM7228D VIN = 5.0V
--
-1
--
-1
µA
Display Scan Rate, fMUX
Per Digit
-
390
-
-
390
Hz
Inter-Digit Blanking Time, tIDB
210
-
210
µs
Logical “1” Input Voltage, VINH
Three Level Input: Pin 9
ICM7228C, ICM7228D Hexadecimal
VDD = 5V
4.2
-
-
4.2
-
V
Floating Input, VINF
Three Level Input: Pin 9
ICM7228C, ICM7228D Code B
VDD = 5V
2.0
-
3.0
2.4
-
3.0
V
Logical “0” Input Voltage, VINL
Three Level Input: Pin 9
ICM7228C, ICM7228D Shutdown
VDD = 5V
-
-
0.8
-
-
0.4
V
Three Level Input Impedance, ZIN
VCC = 5V
Pin 9 of ICM7228C and ICM7228D
50
-
-
50
-
-
k
Logical “1” Input Voltage, VIH
All Inputs Except
Pin 9 of ICM7228C, ICM7228D
VDD = 5V
2.0
-
-
2.0
-
-
V
Logical “0” Input Voltage, VIL
All Inputs Except
Pin 9 of ICM7228C, ICM7228D
VDD = 5V
-
-
0.8
-
-
0.8
V
SWITCHING SPECIFICATIONS VDD = +5.0V ±10%, VSS = 0V, VIL = +0.4V, VIH = +2.4V
Write Pulsewidth (Low), tWL
200
100
-
250
115
-
ns
Write Pulsewidth (High), tWH
850
540
-
1200
840
-
ns
Mode Hold Time, tMH
ICM7228A, ICM7228B
0
-65
-
0
-65
-
ns
Mode Setup Time, tMS
ICM7228A, ICM7228B
250
150
-
250
165
-
ns
Data Setup Time, tDS
250
160
-
250
160
-
ns
Data Hold Time, tDH
0
-60
-
0
-60
-
ns
Digit Address Setup Time, tAS
ICM7228C, ICM7228D
250
110
-
250
100
-
ns
Digit Address Hold Time, tAH
ICM7228C, ICM7228D
0
-60
-
0
-60
-
ns
Electrical Specifications
VDD = +5.0V ±10%, VSS = 0V, Unless Otherwise Specified
MILITARY TEMPERATURE RANGE, MJI, DEVICES (Continued)
PARAMETER
TEST CONDITIONS
TA = 25
oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
ICM7228


Similar Part No. - ICM7228AIJI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7228AIBI INTERSIL-ICM7228AIBI Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
ICM7228AIBI INTERSIL-ICM7228AIBI Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
logo
Renesas Technology Corp
ICM7228AIBI RENESAS-ICM7228AIBI Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7228AIBIZ INTERSIL-ICM7228AIBIZ Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
ICM7228AIBIZ INTERSIL-ICM7228AIBIZ Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
More results

Similar Description - ICM7228AIJI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7228AIBI INTERSIL-ICM7228AIBI Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
ICM7228 INTERSIL-ICM7228_05 Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7228 RENESAS-ICM7228 Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7218AIJI INTERSIL-ICM7218AIJI Datasheet
336Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
September 15, 2015
ICM7218 INTERSIL-ICM7218 Datasheet
252Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Renesas Technology Corp
ICM7218 RENESAS-ICM7218 Datasheet
676Kb / 14P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com