Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3491E Datasheet(PDF) 8 Page - Analog Devices

Part # ADM3491E
Description  Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3491E Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM3491E_15 Datasheet HTML 4Page - Analog Devices ADM3491E_15 Datasheet HTML 5Page - Analog Devices ADM3491E_15 Datasheet HTML 6Page - Analog Devices ADM3491E_15 Datasheet HTML 7Page - Analog Devices ADM3491E_15 Datasheet HTML 8Page - Analog Devices ADM3491E_15 Datasheet HTML 9Page - Analog Devices ADM3491E_15 Datasheet HTML 10Page - Analog Devices ADM3491E_15 Datasheet HTML 11Page - Analog Devices ADM3491E_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADM3483E/ADM3486E/ADM3488E/ADM3490E/ADM3491E
Rev. A | Page 8 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
RO 1
RE 2
DE 3
DI 4
VCC
8
B
7
A
6
GND
5
ADM3483E/
ADM3486E
TOP VIEW
(Not to Scale)
VCC 1
RO 2
DI 3
GND 4
A
8
B
7
Z
6
Y
5
ADM3488E/
ADM3490E
TOP VIEW
(Not to Scale)
NC 1
RO 2
RE 3
DE 4
VCC
14
VCC
13
A
12
B
11
DI 5
Z
10
GND 6
Y
9
GND 7
NC
NC = NO CONNECT
8
ADM3491E
TOP VIEW
(Not to Scale)
Figure 4. ADM3483E/ADM3486E
Pin Configuration
Figure 5. ADM3488E/ADM3490E
Pin Configuration
Figure 6. ADM3491E
Pin Configuration
Table 8. Pin Function Descriptions
ADM3483E/
ADM3486E
Pin No.
ADM3488E/
ADM3490E
Pin No.
ADM3491E
Pin No.
Mnemonic
Description
1
2
2
RO
Receiver Output. If A > B by 200 mV, RO is high; if A < B by 200 mV,
RO is low.
2
N/A
3
RE
Receiver Output Enable. A low level enables the receiver output. A high
level places it in a high impedance state. If RE is high and DE is low, the
device enters a low power shutdown mode.
3
N/A
4
DE
Driver Output Enable. A high level enables the driver differential A and B
outputs. A low level places it in a high impedance state. If RE is high and DE
is low, the device enters a low power shutdown mode.
4
3
5
DI
Driver Input. With a half-duplex part when the driver is enabled, a logic low
on DI forces A low and B high; a logic high on DI forces A high and B low.
With a full-duplex part when the driver is enabled, a logic low on DI forces Y
low and Z high; a logic high on DI forces Y high and Z low.
5
4
6, 7
GND
Ground.
N/A
5
9
Y
Noninverting Driver Output.
6
N/A
N/A
A
Noninverting Receiver Input A and Noninverting Driver Output A.
N/A
8
12
A
Noninverting Receiver Input A.
N/A
6
10
Z
Inverting Driver Output.
7
N/A
N/A
B
Inverting Receiver Input B and Inverting Driver Output B.
N/A
7
11
B
Inverting Receiver Input B.
8
1
13, 14
VCC
Power Supply, 3.3 V ± 0.3 V. Bypass VCC to GND with a 0.1 μF capacitor.
N/A
N/A
1, 8
NC
No Connect. Not internally connected. Can be connected to GND.


Similar Part No. - ADM3491E_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3491EARZ AD-ADM3491EARZ Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3491EARZ-REEL7 AD-ADM3491EARZ-REEL7 Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
More results

Similar Description - ADM3491E_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3490 AD-ADM3490_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485 AD-ADM3485_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3071E AD-ADM3071E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483E AD-ADM3483E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3075E AD-ADM3075E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3078E AD-ADM3078E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491 AD-ADM3491_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com