Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL8068ACJD Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICL8068ACJD
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8068ACJD Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ICL8068ACJD Datasheet HTML 4Page - Intersil Corporation ICL8068ACJD Datasheet HTML 5Page - Intersil Corporation ICL8068ACJD Datasheet HTML 6Page - Intersil Corporation ICL8068ACJD Datasheet HTML 7Page - Intersil Corporation ICL8068ACJD Datasheet HTML 8Page - Intersil Corporation ICL8068ACJD Datasheet HTML 9Page - Intersil Corporation ICL8068ACJD Datasheet HTML 10Page - Intersil Corporation ICL8068ACJD Datasheet HTML 11Page - Intersil Corporation ICL8068ACJD Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
5-13
System Electrical Specifications: ICL8068/ICL7104 V++ = +15V, V+ = +5V, V- = -15V, fCLOCK = 200kHz (Note 16)
PARAMETER
TEST
CONDITIONS
ICL8068A/ICL7104-14
ICL8068A/ICL7104-16
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Zero Input Reading
VIN = 0V, VREF = 2V
-00000
±00000 +00000 -00000 ±00000 +00000 Counts
Ratiometric Error (Note 13)
VIN = VREF = 2V
-1
0
1
-1
0
1
LSB
Linearity Over
± Full Scale (Error of
Reading from Best Straight Line)
-4V
≤ VIN ≤ +4V
-
0.5
1
-
0.5
1
LSB
Differential Linearity (Difference
between Worst Case Step of Adjacent
Counts and Ideal Step)
-4V
≤ VIN ≤ +4V
-
0.01
-
-
0.01
-
LSB
Rollover Error (Difference in Reading
for Equal Positive & Negative Voltage
Near Full Scale)
-VIN = +VIN ≅ 4V
-
0.5
1
-
0.5
1
LSB
Noise (P-P Value Not Exceeded 95%
of Time)
VIN = 0V,
Full Scale = 4V
-2-
-
2-
µV
Leakage Current at Input (Note 14)
VIN = 0V
-
100
165
-
100
165
pA
Zero Reading Drift
VIN = 0V,
0oC to 70oC
-
0.5
-
-
0.5
-
µV/oC
Scale Factor Temperature Coefficient
(Note 15)
VIN = 4V,
0oC to 50oC
ext. ref. 0ppm/oC
-
2
5
-
2
5
ppm/oC
System Electrical Specifications: ICL8052/ICL7104 V++ = +15V, V+ = +5V, V- = -15V, fCLOCK = 200kHz (Note 16)
PARAMETER
TEST
CONDITIONS
ICL8052A/ICL7104-14
ICL8052A/ICL7104-16
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Zero Input Reading
VIN = 0V, VREF = 2V
-00000
±00000 +00000 -00000 ±00000 +00000 Counts
Ratiometric Error (Note 15)
VIN = VREF = 2V
-1
0
1
-1
0
1
LSB
Linearity Over
± Full Scale (Error of
Reading from Best Straight Line)
-4V
≤ VIN ≤ +4V
-
0.5
1
-
0.5
1
LSB
Differential Linearity (Difference
between Worst Case Step of Adjacent
Counts and Ideal Step)
-4V
≤ VIN ≤ +4V
-
0.01
-
-
0.01
-
LSB
Rollover Error (Difference in Reading
for Equal Positive and Negative
Voltage Near Full Scale)
-VIN = +VIN ≈ 4V
-
0.5
1
-
0.5
1
LSB
Noise (Peak-to-Peak Value Not
Exceeded 95% of Time)
VIN = 0V,
Full Scale = 4V
-30-
-30-
µV
Leakage Current at Input (Note 14)
VIN = 0V
-
20
30
-
20
30
pA
Zero Reading Drift
VIN = 0V,
0oC to 70oC
-
0.5
-
-
0.5
-
µV/oC
Scale Factor Temperature Coefficient
VIN = 4V,
0oC to 50oC
ext. ref. 0ppm/oC
-
2
-
-
2
-
ppm/oC
NOTES:
13. Tested with low dielectric absorption integrating capacitor.
14. The input bias currents are junction leakage currents which approximately double for every 10oC increase in the junction temperature,
TJ. Due to limited production test time, the input bias currents are measured with junctions at ambient temperature. In normal oper-
ation the junction temperature rises above the ambient temperature as a result of internal power dissipation, PD. TJ = TA + RθJAPD
where RθJA is the thermal resistance from junction to ambient. A heat sink can be used to reduce temperature rise.
15. The temperature range can be extended to 70oC and beyond if the Auto-Zero and Reference capacitors are increased to absorb the
high temperature leakage of the 8068. See note 14 above.
16. System Electrical Specifications are not tested; for reference only.
ICL8052/ICL7104, ICL8068/ICL7104


Similar Part No. - ICL8068ACJD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8068ACJD INTERSIL-ICL8068ACJD Datasheet
168Kb / 19P
   Precision 4 1/2 Digit, A/D Converter
ICL8068ACJD INTERSIL-ICL8068ACJD Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - ICL8068ACJD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL7134 INTERSIL-ICL7134 Datasheet
773Kb / 16P
   14-Bit Multiplying Microprocessor-Compatible D/A Converter
ICL7121 INTERSIL-ICL7121 Datasheet
607Kb / 10P
   16-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD1148 AD-AD1148_15 Datasheet
2Mb / 6P
   MICROPROCESSOR COMPATIBLE 16 BIT D/A CONVERTERS
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com