Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7217CIPL Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICM7217CIPL
Description  4-Digit LED Display, Programmable Up/Down Counter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7217CIPL Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ICM7217CIPL Datasheet HTML 3Page - Intersil Corporation ICM7217CIPL Datasheet HTML 4Page - Intersil Corporation ICM7217CIPL Datasheet HTML 5Page - Intersil Corporation ICM7217CIPL Datasheet HTML 6Page - Intersil Corporation ICM7217CIPL Datasheet HTML 7Page - Intersil Corporation ICM7217CIPL Datasheet HTML 8Page - Intersil Corporation ICM7217CIPL Datasheet HTML 9Page - Intersil Corporation ICM7217CIPL Datasheet HTML 10Page - Intersil Corporation ICM7217CIPL Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
9-18
Detailed Description
Control Outputs
The CARRY/BORROW output is a positive going pulse
occurring typically 500ns after the positive going edge of the
COUNT INPUT. It occurs when the counter is clocked from
9999 to 0000 when counting up and from 0000 to 9999 when
counting down. This output allows direct cascading of
counters. The CARRY/BORROW output is not valid during
load counter and reset operation. When the count is 6000 or
higher, a reset generates a CARRY/BORROW pulse.
The EQUAL output assumes a negative level when the
contents of the counter and register are equal.
The ZERO output assumes a negative level when the
content of the counter is 0000.
The CARRY/BORROW, EQUAL and ZERO outputs will drive
a single TTL load over the full range of supply voltage and
ambient temperature; for a logic zero, these outputs will sink
1.6mA at 0.4V and for a logic one, the outputs will source
>60
µA. A 10kΩ pull-up resistor to VDD on the EQUAL or
ZERO outputs is recommended for highest speed operation,
and on the CARRY/BORROW output when it is being used
for cascading. Figure 2 shows control outputs timing
diagram.
Display Outputs and Control
The Digit and SEGment drivers provide a decoded
7-segment display system, capable of directly driving com-
mon anode LED displays at typical peak currents of
35mA/seg.
This
corresponds
to
average
currents
of
8mA/seg at 25% multiplex duty cycle. For the common cath-
ode versions, peak segment currents are 12.5mA, corre-
sponding to average segment currents of 3.1mA. Figure 1
shows the multiplex timing. The DISPLAY pin controls the
display output using three level logic. The pin is self-biased
to a voltage approximately 1/2 (VDD); this corresponds to
normal operation. When this pin is connected to VDD, the
segments are disabled and when connected to VSS, the
leading zero blanking feature is inhibited. For normal opera-
tion (display on with leading zero blanking) the pin should be
left open. The display may be controlled with a 3 position
SPDT switch; see Test Circuit.
Multiplex SCAN Oscillator
The on-board multiplex scan oscillator has a nominal free-
running frequency of 2.5kHz. This may be reduced by the
addition of a single capacitor between the SCAN pin and the
positive supply. Capacitor values and corresponding nominal
oscillator frequencies, digit repetition rates, and loading
times are shown in Table 1.
FIGURE 10A.
FIGURE 10B.
FIGURE 10C.
FIGURE 10. BRIGHTNESS CONTROL CIRCUITS
R2
20k
1M
0.01
µF
C
SCAN INPUT
ICM7217
R1
10k
1M
0.01
µF
SCAN INPUT
ICM7217
500
500
3k
0.05
µF
SCAN INPUT
ICM7217
10k
200
0.05
µF
74
8
3
2
61
8s
ICM7555
0V
VDD = 5V
ICM7217


Similar Part No. - ICM7217CIPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7217CIPL INTERSIL-ICM7217CIPL Datasheet
475Kb / 20P
   4-Digit LED Display, Programmable Up/Down Counter
logo
Renesas Technology Corp
ICM7217CIPL RENESAS-ICM7217CIPL Datasheet
896Kb / 19P
   4-Digit LED Display,Programmable Up/Down Counter
July 2001
More results

Similar Description - ICM7217CIPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7217 INTERSIL-ICM7217_01 Datasheet
475Kb / 20P
   4-Digit LED Display, Programmable Up/Down Counter
logo
Renesas Technology Corp
ICM7217 RENESAS-ICM7217 Datasheet
896Kb / 19P
   4-Digit LED Display,Programmable Up/Down Counter
July 2001
logo
Maxim Integrated Produc...
ICM7217 MAXIM-ICM7217 Datasheet
328Kb / 8P
   4 Digit (LED) Presettable Up/Down Counter
19-0931; Rev 0; 4/56
MM74C945 MAXIM-MM74C945 Datasheet
293Kb / 8P
   4 Digit Up/Down Counter/Decoder/Driver
Rev 0; 1/93
logo
Intersil Corporation
ICM7208 INTERSIL-ICM7208 Datasheet
621Kb / 7P
   7-Digit LED Display Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
NXP Semiconductors
HEF4522B PHILIPS-HEF4522B Datasheet
107Kb / 10P
   Programmable 4-bit BCD down counter
January 1995
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
NXP Semiconductors
HEF4526B PHILIPS-HEF4526B Datasheet
109Kb / 10P
   Programmable 4-bit binary down counter
January 1995
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com