Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7211ALPL Datasheet(PDF) 9 Page - Intersil Corporation

Part # ICM7211ALPL
Description  4-Digit, ICM7211 (LCD) and ICM7212 (LED) Display Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7211ALPL Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ICM7211ALPL Datasheet HTML 4Page - Intersil Corporation ICM7211ALPL Datasheet HTML 5Page - Intersil Corporation ICM7211ALPL Datasheet HTML 6Page - Intersil Corporation ICM7211ALPL Datasheet HTML 7Page - Intersil Corporation ICM7211ALPL Datasheet HTML 8Page - Intersil Corporation ICM7211ALPL Datasheet HTML 9Page - Intersil Corporation ICM7211ALPL Datasheet HTML 10Page - Intersil Corporation ICM7211ALPL Datasheet HTML 11Page - Intersil Corporation ICM7211ALPL Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9-14
Description Of Operation
LCD Devices
The LCD devices in the family (ICM7211, ICM7211A,
ICM7211M, ICM7211AM) provide outputs suitable for driving
conventional four-digit, seven-segment LCD displays. These
devices include 28 individual segment drivers, backplane
driver, and a self-contained oscillator and divider chain to
generate the backplane frequency.
The segment and backplane drivers each consist of a
CMOS inverter, with the N-Channel and P-Channel devices
ratioed to provide identical on resistances, and thus equal
rise and fall times. This eliminates any DC component, which
could arise from differing rise and fall times, and ensures
maximum display life.
The backplane output devices can be disabled by connect-
ing the OSCillator input (pin 36) to VSS. This allows the 28
segment outputs to be synchronized directly to a signal input
at the BP terminal (pin 5). In this manner, several slave
devices may be cascaded to the backplane output of one
master device, or the backplane may be derived from an
external source. This allows the use of displays with charac-
ters in multiples of four and a single backplane. A slave
device represents a load of approximately 200pF (compara-
ble to one additional segment). Thus the limitation of the
number of devices that can be slaved to one master device
backplane driver is the additional load represented by the
larger backplane of displays of more than four digits. A good
rule of thumb to observe in order to minimize power con-
sumption is to keep the backplane rise and fall times less
than about 5
µs. The backplane output driver should handle
the backplane to a display of 16 one-half inch characters. It
is recommended, if more than four devices are to be slaved
together, the backplane signal be derived externally and all
the ICM7211 devices be slaved to it. This external signal
should be capable of driving very large capacitive loads with
short (1 - 2
µs) rise and fall times. The maximum frequency
for a backplane signal should be about 150Hz although this
may be too fast for optimum display response at lower dis-
play temperatures, depending on the display type.
The onboard oscillator is designed to free run at approxi-
mately 19kHz at microampere current levels. The oscillator
frequency is divided by 128 to provide the backplane fre-
quency, which will be approximately 150Hz with the oscillator
free-running; the oscillator frequency may be reduced by
connecting an external capacitor between the OSCillator ter-
minal and VDD.
The oscillator may also be overdriven if desired, although care
must be taken to ensure that the backplane driver is not dis-
abled during the negative portion of the overdriving signal
(which could cause a DC component to the display). This can
be done by driving the OSCillator input between the positive
supply and a level out of the range where the backplane disable
is sensed (about one fifth of the supply voltage above VSS).
Another technique for overdriving the oscillator (with a signal
swinging the full supply) is to skew the duty cycle of the over-
driving signal such that the negative portion has a duration
shorter than about one microsecond. The backplane disable
sensing circuit will not respond to signals of this duration.
LED Devices
The LED device in the family (ICM7212AM) provides outputs
suitable
for
directly
driving
four-digit,
seven-segment
common-anode LED displays. These devices include 28
individual segment drivers, each consisting of a low-leakage,
current-controlled, open-drain, N-Channel transistor.
The drain current of these transistors can be controlled by
varying the voltage at the BRtrighTness input (pin 5). The volt-
age at this pin is transferred to the gates of the output devices
for “on” segments, and thus directly modulates the transistor’s
“on” resistance. A brightness control can be easily imple-
mented with a single potentiometer controlling the voltage at
pin 5, connected as in Figure 9. The potentiometer should be
a high value (100k
Ω to 1MΩ) to minimize power consumption,
which can be significant when the display is off.
The brightness input may also be operated digitally as a dis-
play enable; when high, the display is fully on, and low fully
off. The display brightness may also be controlled by varying
the duty cycle of a signal swinging between the two voltages
at the brightness input.
Note that the LED device has two connections for VSS; both
of these pins should be connected. The double connection is
necessary to minimize effects of bond wire resistance with
the large total display currents possible.
When operating LED devices at higher temperatures and/or
higher supply voltages, the device power dissipation may
need to be reduced to prevent excessive chip temperatures.
The maximum power dissipation is 1W at 25oC, derated lin-
early above 35oC to 500mW at 70oC (-15mW/oC above
35oC). Power dissipation for the device is given by:
P = (VSUPP - VFLED)(lSEG)(nSEG)
where VFLED is the LED forward voltage drop, ISEG is
segment current, and nSEG is the number of “on” segments.
It is recommended that if the device is to be operated at
OSCILLATOR
FREQUENCY
BACKPLANE
INPUT/OUTPUT
OFF
ON
64 CYCLES
64 CYCLES
128 CYCLES
SEGMENTS
SEGMENTS
FIGURE 8. DISPLAY WAVEFORMS
100k
Ω TO 1MΩ
BRIGHTNESS
PIN 5
VDD (LED ANODES)
FIGURE 9. BRIGHTNESS CONTROL
ICM7211, ICM7212


Similar Part No. - ICM7211ALPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7211ALPL INTERSIL-ICM7211ALPL Datasheet
162Kb / 9P
   4-Digit, LCD Display Driver
More results

Similar Description - ICM7211ALPL

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1106 AMSCO-AS1106_04 Datasheet
1Mb / 22P
   8-Digit LED Display Drivers
AS1106 AMSCO-AS1106 Datasheet
698Kb / 20P
   8-Digit LED Display Drivers
AS1106 AMSCO-AS1106_1 Datasheet
656Kb / 20P
   8-Digit LED Display Drivers
logo
Intersil Corporation
ICM7211AM INTERSIL-ICM7211AM_06 Datasheet
204Kb / 8P
   4-Digit, LCD Display Driver
ICM7211A INTERSIL-ICM7211A Datasheet
162Kb / 9P
   4-Digit, LCD Display Driver
ICM7211AM INTERSIL-ICM7211AM Datasheet
258Kb / 7P
   4-Digit, LCD Display Driver
ICM7211AMlM44 INTERSIL-ICM7211AMlM44 Datasheet
223Kb / 9P
   4-Digit, LCD Display Driver
October 22, 2015
logo
Renesas Technology Corp
ICM7211AM RENESAS-ICM7211AM Datasheet
459Kb / 9P
   4-Digit, LCD Display Driver
logo
Sanyo Semicon Device
LC75821E SANYO-LC75821E Datasheet
143Kb / 10P
   LCD Display Drivers
LC75822E SANYO-LC75822E Datasheet
128Kb / 10P
   LCD Display Drivers?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com