Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7216B Datasheet(PDF) 9 Page - Intersil Corporation

Part # ICM7216B
Description  8-Digit, Multi-Function, Frequency Counters/Timers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7216B Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ICM7216B Datasheet HTML 5Page - Intersil Corporation ICM7216B Datasheet HTML 6Page - Intersil Corporation ICM7216B Datasheet HTML 7Page - Intersil Corporation ICM7216B Datasheet HTML 8Page - Intersil Corporation ICM7216B Datasheet HTML 9Page - Intersil Corporation ICM7216B Datasheet HTML 10Page - Intersil Corporation ICM7216B Datasheet HTML 11Page - Intersil Corporation ICM7216B Datasheet HTML 12Page - Intersil Corporation ICM7216B Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9-18
Frequency - In this mode input A is counted by the Main
Counter for a precise period of time. This time is determined
by the time base oscillator and the selected range. For the
10MHz (or 1MHz) time base, the resolutions are 100Hz,
10Hz, 1Hz and 0.1Hz. The decimal point on the display is
set for kHz reading.
Period - In this mode, the timebase oscillator is counted by
the Main Counter for the duration of 1, 10, 100 or 1000
(range selected) periods of the signal at input A. A 10MHz
timebase gives resolutions of 0.1
µs to 0.0001µs for 1000
periods averaging. Note that the maximum input frequency
for period measurement is 2.5MHz.
Frequency Ratio - In this mode, the input A is counted by
the Main Counter for the duration of 1, 10, 100 or 1000
(range selected) periods of the signal at input B. The fre-
quency at input A should be higher than input B for meaning-
ful result. The result in this case is unitless and its resolution
can go up to 3 digits after decimal point.
Time Interval - In this mode, the timebase oscillator is
counted by the Main Counter for the duration of a 1-0 transi-
tion of input A until a 1-0 transition of input B. This means
input A starts the counting and input B stops it. If other ranges,
except 0.01s/1 cycle are selected the sequence of input A and
B transitions must happen 10, 100 or 1000 times until the
display becomes updated; note this when measuring long
time intervals to give enough time for measurement comple-
tion. The resolution in this mode is the same as for period
measurement. See the Time Interval Measurement section
also.
Unit Counter - In this mode, the Main Counter is always
enabled. The input A is counted by the Main Counter and
displayed continuously.
Oscillator Frequency - In this mode, the device makes a
frequency measurement on its timebase. This is a self test
mode for device functionality check. For 10MHz timebase
the display will show 10000.0, 10000.00, 10000.000 and
Overflow in different ranges.
Range Input
The RANGE INPUT selects whether the measurement
period is made for 1, 10, 100 or 1000 counts of the Refer-
ence Counter. As it is shown in Table 1, this gives different
counting windows for frequency measurement and various
cycles for other modes of measurement.
In all functional modes except Unit Counter, any change in
the RANGE INPUT will stop the present measurement
without updating the display and then initiate a new mea-
surement. This prevents an erroneous first reading after the
RANGE INPUT is changed.
Control Input
Unlike the other multiplexed inputs, to which only one of the
digit outputs can be connected at a time, this input can be
tied to different digit lines to select combination of controls.
In this case, isolation diodes must be used in digit lines to
avoid crosstalk between them (see Figure 17). The direction
of diodes depends on the device version, common anode or
common cathode. For maximum noise immunity at this input,
in addition to the 10K resistor which was mentioned before,
a 39pF to 100pF capacitor should also be placed between
this input and the VDD or VSS (See Figure 17).
Display Off - To disable the display drivers, it is necessary to
tie the D4 line to the CONTROL INPUT and have the HOLD
INTERNAL CONTROL
100Hz
INPUT A
INPUT B
INPUT
SELECTOR
INTERNAL OR
EXTERNAL
OSCILLATOR
INPUT A
ENABLE
CLOCK
MAIN COUNTER
RANGE SELECTOR
÷1
÷10
÷100 ÷1000
INTERNAL CONTROL
INTERNAL CONTROL
CLOCK
INTERNAL CONTROL
INPUT
SELECTOR
REFERENCE COUNTER
FIGURE 11. SIMPLIFIED BLOCK DIAGRAM OF FUNCTIONS IMPLEMENTATION
TABLE 2. 7216A/B INPUT ROUTING
FUNCTION
MAIN
COUNTER
REFERENCE COUNTER
Frequency (fA)
Input A
100Hz (Oscillator
÷105 or 104)
Period (tA)
Oscillator
Input A
Ratio (fA/fB)
Input A
Input B
Time Interval
(A
→B)
Oscillator
Input A
Input B
Unit Counter
(Count A)
Input A
Not Applicable
Osc. Freq.
(fOSC)
Oscillator
100Hz (Oscillator
÷105 or 104)
ICM7216A, ICM7216B, ICM7216D


Similar Part No. - ICM7216B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7216B INTERSIL-ICM7216B Datasheet
642Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216B INTERSIL-ICM7216B Datasheet
458Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216B INTERSIL-ICM7216B Datasheet
4Mb / 162P
   TIMERS COUNTERS AND DISPLAY DRIVERS
logo
Renesas Technology Corp
ICM7216B RENESAS-ICM7216B Datasheet
808Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Intersil Corporation
ICM7216BIPI INTERSIL-ICM7216BIPI Datasheet
4Mb / 162P
   TIMERS COUNTERS AND DISPLAY DRIVERS
More results

Similar Description - ICM7216B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICM7216B RENESAS-ICM7216B Datasheet
808Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
logo
Intersil Corporation
ICM7216B INTERSIL-ICM7216B_04 Datasheet
458Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7216B INTERSIL-ICM7216B Datasheet
642Kb / 18P
   8-Digit, Multi-Function, Frequency Counters/Timers
ICM7226A INTERSIL-ICM7226A_01 Datasheet
547Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
logo
Harris Corporation
ICM7216A HARRIS-ICM7216A Datasheet
191Kb / 17P
   8-Digit Multi-Function Frequency Counter/Timer
logo
Intersil Corporation
ICM7226A INTERSIL-ICM7226A Datasheet
173Kb / 19P
   8-Digit, Multi-Function, Frequency Counter/Timer
logo
List of Unclassifed Man...
A109156120H ETC2-A109156120H Datasheet
71Kb / 2P
   Timers Multi-function
logo
National Semiconductor ...
COP884CG NSC-COP884CG Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COPEG888 NSC-COPEG888 Datasheet
550Kb / 48P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
logo
Intersil Corporation
ICM7207 INTERSIL-ICM7207_1 Datasheet
4Mb / 162P
   TIMERS COUNTERS AND DISPLAY DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com