Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2581L1 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PS2581L1
Description  LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2581L1 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PS2581L1_15 Datasheet HTML 5Page - Renesas Technology Corp PS2581L1_15 Datasheet HTML 6Page - Renesas Technology Corp PS2581L1_15 Datasheet HTML 7Page - Renesas Technology Corp PS2581L1_15 Datasheet HTML 8Page - Renesas Technology Corp PS2581L1_15 Datasheet HTML 9Page - Renesas Technology Corp PS2581L1_15 Datasheet HTML 10Page - Renesas Technology Corp PS2581L1_15 Datasheet HTML 11Page - Renesas Technology Corp PS2581L1_15 Datasheet HTML 12Page - Renesas Technology Corp PS2581L1_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Data Sheet PN10239EJ04V0DS
7
PS2581L1,PS2581L2
1.2
–50
1.0
0.8
0.6
0.4
0.2
0
–25
0
25
50
75
100
Normalized to 1.0
at TA = 25
°C,
IF = 5 mA, VCE = 5 V
450
400
350
300
250
200
150
100
50
0
0.05 0.1
0.5
1
5
10
50
50
10
1
0.1
10 k
5 k
1 k
500
100
50
10
IC = 2 mA,
VCC = 10 V,
CTR = 290%
1 000
100
10
1
100 k
50 k
10 k
5 k
1 k
500
100
IF = 5 mA,
VCC = 5 V,
CTR = 290%
ts
td
tr
tf
0
–5
–10
–15
–20
0.5
1
2
5
10 20
50 100 200 500
IF = 5 mA,
VCE = 5 V
tf
tr
td
ts
100
Ω
300
Ω
RL = 1 k
Ω
Forward Current IF (mA)
Ambient Temperature TA (
°C)
Load Resistance RL (
Ω)
Frequency f (kHz)
Time (Hr)
Load Resistance RL (
Ω)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
SWITCHING TIME vs.
LOAD RESISTANCE
SWITCHING TIME vs.
LOAD RESISTANCE
FREQUENCY RESPONSE
LONG TERM CTR DEGRADATION
IF = 5 mA
TA = 25
°C
IF = 5 mA
TA = 60
°C
TYP.
1.2
1.0
0.8
0.6
0.4
0.2
0
102
103
104
105
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS2581L1_15

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2581L1-A CEL-PS2581L1-A Datasheet
398Kb / 11P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
PS2581L1-A CEL-PS2581L1-A Datasheet
270Kb / 14P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
More results

Similar Description - PS2581L1_15

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2581L1 CEL-PS2581L1 Datasheet
398Kb / 11P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
NEC
PS2581L1 NEC-PS2581L1 Datasheet
108Kb / 12P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2581-1 CEL-PS2581-1 Datasheet
270Kb / 14P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS2581AL1 RENESAS-PS2581AL1_15 Datasheet
258Kb / 15P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2581AL1 ETC1-PS2581AL1 Datasheet
361Kb / 11P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2581AL1 CEL-PS2581AL1 Datasheet
849Kb / 13P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
PS2653 CEL-PS2653 Datasheet
125Kb / 4P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
PS2651 CEL-PS2651 Datasheet
128Kb / 4P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
logo
NEC
PS2651 NEC-PS2651 Datasheet
124Kb / 4P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
logo
Everlight Electronics C...
EL101X-G EVERLIGHT-EL101X-G_17 Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com