Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7667CTV Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL7667CTV
Description  Dual Power MOSFET Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7667CTV Datasheet(HTML) 2 Page - Intersil Corporation

  ICL7667CTV Datasheet HTML 1Page - Intersil Corporation ICL7667CTV Datasheet HTML 2Page - Intersil Corporation ICL7667CTV Datasheet HTML 3Page - Intersil Corporation ICL7667CTV Datasheet HTML 4Page - Intersil Corporation ICL7667CTV Datasheet HTML 5Page - Intersil Corporation ICL7667CTV Datasheet HTML 6Page - Intersil Corporation ICL7667CTV Datasheet HTML 7Page - Intersil Corporation ICL7667CTV Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3-74
Absolute Maximum Ratings
Thermal Information
Supply Voltage V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . V- -0.3V to V+ +0.3V
Package Dissipation, TA 25
oC . . . . . . . . . . . . . . . . . . . . . . . .500mW
Operating Temperature Range
ICL7667C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
ICL7667M . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC(oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
150
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
170
N/A
Metal Can Package . . . . . . . . . . . . . . .
156
68
CERDIP Package . . . . . . . . . . . . . . . . .
115
30
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
ICL7667C, M
ICL7667M
UNITS
TA = 25
oC
-55oC
≤ TA ≤ 125oC
MIN
TYP
MAX
MIN
TYP
MAX
DC SPECIFICATIONS
Logic 1 Input Voltage
VIH
VCC = 4.5V
2.0
-
-
2.0
-
-
V
Logic 1 Input Voltage
VIH
VCC = 15V
2.0
-
-
2.0
-
-
V
Logic 0 Input Voltage
VIL
VCC = 4.5V
-
-
0.8
-
-
0.5
V
Logic 0 Input Voltage
VIL
VCC = 15V
-
-
0.8
-
-
0.5
V
Input Current
IIL
VCC = 15V, VIN = 0V and 15V
-0.1
-
0.1
-0.1
-
0.1
µA
Output Voltage High
VOH
VCC = 4.5V and 15V
VCC
-0.05
VCC
-VCC
-0.1
VCC
-V
Output Voltage Low
VOL
VCC = 4.5V and 15V
-
0
0.05
-
-
0.1
V
Output Resistance
ROUT
VIN = VIL, IOUT = -10mA, VCC = 15V
-
7
10
-
-
12
Output Resistance
ROUT
VIN = VIH, IOUT = 10mA, VCC = 15V
-
8
12
-
-
13
Power Supply Current
ICC
VCC = 15V, VIN = 3V both inputs
-
5
7
-
-
8
mA
Power Supply Current
ICC
VCC = 15V, VIN = 0V both inputs
-
150
400
-
-
400
µA
SWITCHING SPECIFICATIONS
Delay Time
TD2
Figure 3
-
35
50
-
-
60
ns
Rise Time
TR
Figure 3
-
20
30
-
-
40
ns
Fall Time
TF
Figure 3
-
20
30
-
-
40
ns
Delay Time
TD1
Figure 3
-
20
30
-
-
40
ns
NOTE: All typical values have been characterized but are not tested.
ICL7667


Similar Part No. - ICL7667CTV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7667CBA MAXIM-ICL7667CBA Datasheet
143Kb / 4P
   Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
Intersil Corporation
ICL7667CBA INTERSIL-ICL7667CBA Datasheet
195Kb / 8P
   Dual Power MOSFET Driver
logo
Renesas Technology Corp
ICL7667CBA RENESAS-ICL7667CBA Datasheet
567Kb / 11P
   Dual Power MOSFET Driver
logo
Intersil Corporation
ICL7667CBA-T INTERSIL-ICL7667CBA-T Datasheet
195Kb / 8P
   Dual Power MOSFET Driver
ICL7667CBAZA INTERSIL-ICL7667CBAZA Datasheet
195Kb / 8P
   Dual Power MOSFET Driver
More results

Similar Description - ICL7667CTV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7667 MAXIM-ICL7667 Datasheet
143Kb / 4P
   Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
Renesas Technology Corp
ICL7667 RENESAS-ICL7667 Datasheet
567Kb / 11P
   Dual Power MOSFET Driver
logo
Intersil Corporation
ICL7667 INTERSIL-ICL7667_06 Datasheet
195Kb / 8P
   Dual Power MOSFET Driver
logo
Maxim Integrated Produc...
MAX626 MAXIM-MAX626_V01 Datasheet
26Kb / 3P
   DUAL POWER MOSFET DRIVER
2000
logo
Intersil Corporation
ICL7667CBAZA-T INTERSIL-ICL7667CBAZA-T Datasheet
330Kb / 10P
   Dual Power MOSFET Driver
logo
Texas Instruments
SN75372PSR TI1-SN75372PSR Datasheet
735Kb / 19P
[Old version datasheet]   DUAL MOSFET DRIVER
logo
Silicon Supplies
SIS17601 SS-SIS17601 Datasheet
1,015Kb / 8P
   Dual MOSFET Driver
logo
Texas Instruments
SN75372 TI-SN75372_V01 Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
SN75372 TI-SN75372 Datasheet
164Kb / 11P
[Old version datasheet]   DUAL MOSFET DRIVER
logo
Clare, Inc.
FDA217 CLARE-FDA217 Datasheet
113Kb / 5P
   Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com