Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2561F-1 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PS2561F-1
Description  DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2561F-1 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PS2561F-1 Datasheet HTML 4Page - Renesas Technology Corp PS2561F-1 Datasheet HTML 5Page - Renesas Technology Corp PS2561F-1 Datasheet HTML 6Page - Renesas Technology Corp PS2561F-1 Datasheet HTML 7Page - Renesas Technology Corp PS2561F-1 Datasheet HTML 8Page - Renesas Technology Corp PS2561F-1 Datasheet HTML 9Page - Renesas Technology Corp PS2561F-1 Datasheet HTML 10Page - Renesas Technology Corp PS2561F-1 Datasheet HTML 11Page - Renesas Technology Corp PS2561F-1 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PS2561F-1,PS2561FL-1
Chapter Title
R08DS0033EJ0100 Rev.1.00
Page 8 of 13
Jan 06, 2012
Ambient Temperature TA (
°C)
0.1
1
10
100
1 000
50
25
0
25
50
75
100
RISE TIME vs. AMBIENT TEMPERATURE
1 k
Ω
10 k
Ω
RL = 510
Ω
PS2561F-1 (CTR = 410%)
PS2501-1 (CTR = 380%)
Ambient Temperature TA (
°C)
0.1
1
10
100
1 000
50
25
0
25
50
75
100
DELAY TIME vs. AMBIENT TEMPERATURE
RL = 510
Ω,
1 k
Ω,
10 k
Ω
PS2561F-1 (CTR = 410%)
PS2501-1 (CTR = 380%)
Ambient Temperature TA (
°C)
0.1
1
10
100
1 000
50
25
0
25
50
75
100
FALL TIME vs. AMBIENT TEMPERATURE
RL = 510
Ω
PS2561F-1 (CTR = 410%)
PS2501-1 (CTR = 380%)
10 k
Ω
1 k
Ω
1 k
Ω
Ambient Temperature TA (
°C)
0.1
1
10
100
1 000
50
25
0
25
50
75
100
STORAGE TIME vs.
AMBIENT TEMPERATURE
RL = 510
Ω
PS2561F-1 (CTR = 410%)
PS2501-1 (CTR = 380%)
10 k
Ω
*1
*1
*1
*1
Input
Output
90%
10%
tr
td
tf
ts
ton
toff
VCC
VOUT
IF
RL
510
Ω
In monitor
PW = 100 s
Duty cycle = 1/10
μ
Pulse Input
*1 Test circuit for switching time above
Vin (high) = 5 V
VCC = 5 V
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS2561F-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2561F-1 RENESAS-PS2561F-1 Datasheet
251Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561F-1 CEL-PS2561F-1 Datasheet
1Mb / 14P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1Y-A CEL-PS2561F-1Y-A Datasheet
1Mb / 14P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
More results

Similar Description - PS2561F-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1 Datasheet
251Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561F-1 CEL-PS2561F-1 Datasheet
1Mb / 14P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2561B-1 NEC-PS2561B-1 Datasheet
179Kb / 17P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561D-1 RENESAS-PS2561D-1_15 Datasheet
167Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2561D-1 NEC-PS2561D-1 Datasheet
127Kb / 13P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561D-1 CEL-PS2561D-1 Datasheet
271Kb / 17P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com