Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7134BKMJI Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICL7134BKMJI
Description  14-Bit Multiplying Microprocessor-Compatible D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7134BKMJI Datasheet(HTML) 4 Page - Intersil Corporation

  ICL7134BKMJI Datasheet HTML 1Page - Intersil Corporation ICL7134BKMJI Datasheet HTML 2Page - Intersil Corporation ICL7134BKMJI Datasheet HTML 3Page - Intersil Corporation ICL7134BKMJI Datasheet HTML 4Page - Intersil Corporation ICL7134BKMJI Datasheet HTML 5Page - Intersil Corporation ICL7134BKMJI Datasheet HTML 6Page - Intersil Corporation ICL7134BKMJI Datasheet HTML 7Page - Intersil Corporation ICL7134BKMJI Datasheet HTML 8Page - Intersil Corporation ICL7134BKMJI Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Absolute Maximum Ratings (Note 1)
Thermal Information
Supply Voltage (V+ to DGND) . . . . . . . . . . . . . . . . . . . -0.3V to 7.5V
VRFL, VRFM, RINV, RFB to DGND . . . . . . . . . . . . . . . . . . . . . . . . ±15V
IOUT, AGNDF, AGNDS . . . . . . . . . . . . . . . . . . . . . . . . . -0.1V to V+
Current in AGNDS, AGNDF . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA
An, Dn, WR, CS, PROG. . . . . . . . . . . . . . . . . . . . -0.3V to V+ +0.3V
Operating Conditions
Temperature Range
ICL7134XXC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 70oC
ICL7134XXI. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25oC to 85oC
ICL7134XXM. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65oC to 150oC
Power Dissipation (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . 500mW
Derate Linearly Above 70oC @10mW/oC
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. All voltages with respect to DGND.
2. Assumes all leads soldered or welded to printed circuit board.
Electrical Specification V+ = +5V, VREF = +10V, TA = 25oC, AGND = DGND, IOUT at Ground Potential,
Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
14
-
-
Bits
Non-Linearity
(Notes 3 and 4) Figure 2
J
-
-
±0.012
%FSR
K-
-
±0.006
%FSR
L-
-
±0.003
%FSR
Non-Linearity Temperature
Coefficient
Operating Temperature Range (Note 5)
-
±1
±2
ppm/oC
Monotonicity
(Note 5)
J
12
-
-
Bits
K13
-
-
Bits
L14
-
-
Bits
Gain Error
(Notes 3 and 4)
Figure 1
J-
-
±0.024
%FSR
K-
-
±0.012
%FSR
L-
-
±0.006
%FSR
Gain Error Temperature
Coefficient
(Note 5)
-
±2
±8
ppm/oC
Output Leakage Current
(IOUT Terminal)
TA = 25oC-
-
±10
nA
Operating Temperature Range
-
±60
-
nA
Long Term Stability of IOUT
1000 Hours, 125oC, (Note 5)
-
±10
-
ppm/month
AC ACCURACY
Power Supply Rejection
∆V+ = ±10%, Figure 2, TA = 25oC-
±10
±100
ppm/V
Operating Temperature Range
-
-
±150
ppm/V
Feedthrough Error
VREF = 20VP-P, 2kHz
U
-
250
-
µVP-P
Sinewave, Figure 3
B
-
500
-
µVP-P
Output Current Setting Time
To 1/2 LSB, Figure 4
-
1
-
µs
Output Noise
Equivalent to Johnson Noise of 7k
Ω Resistor, Typical
ICL7134


Similar Part No. - ICL7134BKMJI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7134 INTERSIL-ICL7134 Datasheet
4Mb / 122P
   P-CHANNEL JFET
More results

Similar Description - ICL7134BKMJI

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
   14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
logo
Intersil Corporation
ICL7121 INTERSIL-ICL7121 Datasheet
607Kb / 10P
   16-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
Analog Devices
AD396 AD-AD396 Datasheet
644Kb / 8P
   uP Compatible Multiplying Quad 14-Bit D/A Converter?
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL8052 INTERSIL-ICL8052 Datasheet
198Kb / 21P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD394 AD-AD394_15 Datasheet
626Kb / 12P
   Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com