Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL8013 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICL8013
Description  1MHz, Four Quadrant Analog Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8013 Datasheet(HTML) 4 Page - Intersil Corporation

  ICL8013 Datasheet HTML 1Page - Intersil Corporation ICL8013 Datasheet HTML 2Page - Intersil Corporation ICL8013 Datasheet HTML 3Page - Intersil Corporation ICL8013 Datasheet HTML 4Page - Intersil Corporation ICL8013 Datasheet HTML 5Page - Intersil Corporation ICL8013 Datasheet HTML 6Page - Intersil Corporation ICL8013 Datasheet HTML 7Page - Intersil Corporation ICL8013 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Application Information
Detailed Circuit Description
The fundamental element of the ICL8013 multiplier is the
bipolar differential amplifier of Figure 1.
The small signal differential voltage gain of this circuit is
given by:
The output voltage is thus proportional to the product of the
input voltage VlN and the emitter current IE. In the simple
transconductance multiplier of Figure 2, a current source
comprising Q3, D1, and RY is used. If VY is large compared
with the drop across D1, then
There are several difficulties with this simple modulator:
1. VY must be positive and greater than VD.
2. Some portion of the signal at VX will appear at the output
unless IE = 0.
3. VX must be a small signal for the differential pair to be
linear.
4. The output voltage is not centered around ground.
The first problem relates to the method of converting the VY
voltage to a current to vary the gain of the VX differential pair.
A better method, Figure 3, uses another differential pair but
with considerable emitter degeneration. In this circuit the
differential input voltage appears across the common emitter
resistor, producing a current which adds or subtracts from
the quiescent current in either collector. This type of voltage
to current converter handles signals from 0V to
±10V with
excellent linearity.
The second problem is called feedthrough; i.e., the product
of zero and some finite Input signal does not produce zero
output voltage. The circuit whose operation is illustrated by
Figures 4A, 4B, and 4C overcomes this problem and forms
the heart of many multiplier circuits in use today.
This circuit is basically two matched differential pairs with
cross coupled collectors. Consider the case shown in Figure
4A of exactly equal current sources basing the two pairs.
With a small positive signal at VlN, the collector current of Q1
and Q4 will increase but the collector currents of Q2 and Q3
will decrease by the same amount. Since the collectors are
cross coupled the current through the load resistors remains
unchanged and independent of the VlN input voltage.
In Figure 4B, notice that with VIN = 0 any variation in the ratio
of biasing current sources will produce a common mode
voltage across the load resistors. The differential output
voltage will remain zero. In Figure 4C we apply a differential
input voltage with unbalanced current sources. If IE1 is twice
IE2 the gain of differential pair Q1 and Q2 is twice the gain of
pair Q3 and Q4. Therefore, the change in cross coupled
collector currents will be unequal and a differential output
voltage will result. By replacing the separate biasing current
sources with the voltage to current converter of Figure 3 we
have a balanced multiplier circuit capable of four quadrant
operation (Figure 5).
2IE
RL
RL
VIN
VOUT
V+
V-
FIGURE 1. DIFFERENTIAL AMPLIFIER
A
V
V
OUT
V
IN
----------------
R
L
r
E
-------
==
Substituting r
E
1
g
M
-------
kT
qI
E
---------
==
V
OUT
V
IN
R
L
r
E
-------



V
IN
qI
E RL
kT
-------------------
×
==
I
D
V
Y
R
Y
--------
2I
E and
=
V
OUT
qR
L
kTR
Y
---------------
V
X
V
Y
×
()
=
2IE
RL
RL
VIN
VOUT
V+
V-
Q3
RY
VY
ID
VD
D1
qRL
kTRY
(VX x VY)
VOUT = K (VX x VY) =
-
+
FIGURE 2. TRANSCONDUCTANCE MULTIPLIER
IE + ∆I
IE
IE - ∆I
VIN
∆VOUT
V+
V-
IE
∆I =
VIN
RE
FIGURE 3. VOLTAGE TO CURRENT CONVERTER
ICL8013


Similar Part No. - ICL8013

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8013 INTERSIL-ICL8013 Datasheet
726Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
ICL8013 INTERSIL-ICL8013 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL8013BCTX INTERSIL-ICL8013BCTX Datasheet
726Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
ICL8013CCTX INTERSIL-ICL8013CCTX Datasheet
726Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
ICL8013 INTERSIL-ICL8013_00 Datasheet
726Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
More results

Similar Description - ICL8013

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8013 INTERSIL-ICL8013_00 Datasheet
726Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
   Four-Channel, Four-Quadrant Analog Multiplier
REV. B
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Intersil Corporation
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
   Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com