Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7612DCPA Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICL7612DCPA
Description  1.4MHz, Low Power CMOS Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7612DCPA Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICL7612DCPA Datasheet HTML 2Page - Intersil Corporation ICL7612DCPA Datasheet HTML 3Page - Intersil Corporation ICL7612DCPA Datasheet HTML 4Page - Intersil Corporation ICL7612DCPA Datasheet HTML 5Page - Intersil Corporation ICL7612DCPA Datasheet HTML 6Page - Intersil Corporation ICL7612DCPA Datasheet HTML 7Page - Intersil Corporation ICL7612DCPA Datasheet HTML 8Page - Intersil Corporation ICL7612DCPA Datasheet HTML 9Page - Intersil Corporation ICL7612DCPA Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
VOUT
1
µF
ICL7611
+
-
+
λ
NOTE: Low leakage currents allow integration times up to several
hours.
FIGURE 3. PHOTOCURRENT INTEGRATOR
ICL7611
+
-
1M
ICL7611
+
-
1M
DUTY CYCLE
V-
V+
680k
1M
WAVEFORM GENERATOR
NOTE: Since the output range swings exactly from rail to rail, frequency
and duty cycle are virtually independent of power supply variations.
FIGURE 4. PRECISE TRIANGLE/SQUARE WAVE GENERATOR
FIGURE 5. AVERAGING AC TO DC CONVERTER FOR A/D
CONVERTERS SUCH AS ICL7106, ICL7107,
ICL7109, ICL7116, ICL7117
FIGURE 6. BURN-IN AND LIFE TEST CIRCUIT
FIGURE 7. VOS NULL CIRCUIT
ICL7611
+
-
10
µF
ICL7611
+
-
20K
VIN
20K
VOH
VOL
1M
2.2M
COMMON
10K
0.5
µF
1.8K = 5%
SCALE
ADJUST
TO
SUCCEED-
ING
INPUT
STAGE
+
- V-
OUT
V+
IQ
V+
-8V
+8V
TA = 125
oC
VOUT
25k
V+
-
+ BAL
VIN
BAL
ICL7611, ICL7612


Similar Part No. - ICL7612DCPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7612DCPA MAXIM-ICL7612DCPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
logo
Intersil Corporation
ICL7612DCPA INTERSIL-ICL7612DCPA Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7612DCPA INTERSIL-ICL7612DCPA Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7612DCPA RENESAS-ICL7612DCPA Datasheet
604Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7612DCPAZ INTERSIL-ICL7612DCPAZ Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
More results

Similar Description - ICL7612DCPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7611 RENESAS-ICL7611 Datasheet
604Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_06 Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
logo
STMicroelectronics
TS27M2 STMICROELECTRONICS-TS27M2 Datasheet
205Kb / 14P
   Low-power CMOS dual operational amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621_01 Datasheet
163Kb / 7P
   Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com