Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC3205 Datasheet(PDF) 7 Page - NEC

Part # UPC3205
Description  IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3205 Datasheet(HTML) 7 Page - NEC

Back Button UPC3205 Datasheet HTML 3Page - NEC UPC3205 Datasheet HTML 4Page - NEC UPC3205 Datasheet HTML 5Page - NEC UPC3205 Datasheet HTML 6Page - NEC UPC3205 Datasheet HTML 7Page - NEC UPC3205 Datasheet HTML 8Page - NEC UPC3205 Datasheet HTML 9Page - NEC UPC3205 Datasheet HTML 10Page - NEC UPC3205 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet P13541EJ3V0DS00
7
µµµµPC3205GR
TYPICAL CHARACTERISTICS (TA = +25°C)
12
3
4
5
6
0
−10
0
10
20
30
40
50
60
fIF = 490 MHz
PIF =
−45 dBm
fOSC = 479.5 MHz
measurement circuit 1
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
1
10
100
0.1
87
88
89
90
91
92
93
fOSC = 479.5 MHz
Vout = 1 VP-P (1 k
Ω)
measurement circuit 1
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
−40
−30
−10
−20
−50
87
88
89
90
91
92
93
fIF = 490 MHz
fOSC = 479.5 MHz
Vout = 1 VP-P (1 k
Ω)
measurement circuit 1
−40
−30
−10
−20
−50
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
1
10
100
0.1
−0.5
−0.4
−0.3
−0.2
−0.1
0
0.3
0.2
0.4
0.5
0.1
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
12
3
4
5
6
0
0
10
20
30
40
50
60
80
70
no input signal
fOSC = 479.5 MHz
Vout = 1 VP-P (1 k
Ω)
measurement circuit 1
−0.5
−0.4
−0.3
−0.2
−0.1
0
0.3
0.2
0.4
0.5
0.1
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
fIF = 490 MHz
fOSC = 479.5 MHz
Vout = 1 VP-P (1 k
Ω)
measurement circuit 1
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
IQ PHASE BALANCE vs. IQ OUTPUT FREQUENCY
IQ AMPLITUDE BALANCE vs. IQ OUTPUT FREQUENCY
IQ PHASE BALANCE vs. IF INPUT POWER
IQ AMPLITUDE BALANCE vs. IF INPUT POWER
Supply Voltage VCC (V)
IQ Output Frequency fIQ (MHz)
IQ Output Frequency fIQ (MHz)
IF Intput Power PIF (dBm)
IF Input Power PIF (dBm)
AGC Voltage VAGC (V)
CONVERSION GAIN vs. AGC VOLTAGE


Similar Part No. - UPC3205

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3202 NEC-UPC3202 Datasheet
157Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
UPC3202GR NEC-UPC3202GR Datasheet
157Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
UPC3202GR-E1 NEC-UPC3202GR-E1 Datasheet
157Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
UPC3206GR NEC-UPC3206GR Datasheet
270Kb / 32P
   50dB AGC AMP VIDEO AMP
UPC3206GR-E1 NEC-UPC3206GR-E1 Datasheet
270Kb / 32P
   50dB AGC AMP VIDEO AMP
More results

Similar Description - UPC3205

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2766GR NEC-UPC2766GR Datasheet
145Kb / 16P
   WIDE BAND IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
UPC2766GR NEC-UPC2766GR_00 Datasheet
76Kb / 7P
   WIDEBAND IQ DEMODULATOR FOR DIGITAL RECEIVERS
logo
Texas Instruments
TRF3710_15 TI-TRF3710_15_15 Datasheet
467Kb / 27P
[Old version datasheet]   IQ DEMODULATOR
TRF3710 TI-TRF3710 Datasheet
841Kb / 30P
[Old version datasheet]   IQ DEMODULATOR
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
   QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF011 MICREL-MICRF011 Datasheet
147Kb / 11P
   QwikRadiotm Receiver/Data Demodulator Preliminary Information
logo
Texas Instruments
TRF371125 TI-TRF371125 Datasheet
1Mb / 46P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
TRF371135_15 TI-TRF371135_15_15 Datasheet
2Mb / 58P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
TRF371135 TI-TRF371135 Datasheet
2Mb / 54P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
logo
Toshiba Semiconductor
TC90A60U TOSHIBA-TC90A60U Datasheet
1Mb / 33P
   DATA SLICE IC FOR VIDEO MULTIPLEX BROADCAST RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com