Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4443-HF Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO4443-HF
Description  P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO4443-HF Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  AO4443-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO4443-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO4443-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO4443-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
Features
VDS (V) =-40V
ID =-6.5 A (VGS =-10V)
RDS(ON) < 42mΩ (VGS =-10V)
RDS(ON) < 63mΩ (VGS =-4.5V)
SOP-8
1.50 0.15
1 Source
2 Source
3 Source
4 Gate
5 Drain
6 Drain
7 Drain
8 Drain
Absolute Maximum Ratings Ta = 25℃
Symbol
Rating
Unit
VDS
-40
VGS
±
20
TA=25°C
-6.5
TA=70°C
-5
IDM
-20
TA=25°C
3.1
TA=70°C
2
t ≤ 10s
40
Steady-State
75
RthJL
30
TJ
150
Tstg
-55 to 150
V
/W
Power Dissipation
Thermal Resistance.Junction- to-Ambient
Thermal Resistance.Junction- to-Lead
Junction Temperature
Junction Storage Temperature Range
RthJA
PD
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
W
Pulsed Drain Current
A
ID
G
D
S
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
P-Channel MOSFET
AO4443-HF (KO4443-HF)


Similar Part No. - AO4443-HF

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4443 AOSMD-AO4443 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO4443 AOSMD-AO4443 Datasheet
314Kb / 5P
   40V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4443 WHXPCB-AO4443 Datasheet
2Mb / 5P
   40V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4443 KEXIN-AO4443 Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4443 VBSEMI-AO4443 Datasheet
959Kb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AO4443-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com