Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7611DCBA-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL7611DCBA-T
Description  1.4MHz, Low Power CMOS Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7611DCBA-T Datasheet(HTML) 5 Page - Intersil Corporation

  ICL7611DCBA-T Datasheet HTML 1Page - Intersil Corporation ICL7611DCBA-T Datasheet HTML 2Page - Intersil Corporation ICL7611DCBA-T Datasheet HTML 3Page - Intersil Corporation ICL7611DCBA-T Datasheet HTML 4Page - Intersil Corporation ICL7611DCBA-T Datasheet HTML 5Page - Intersil Corporation ICL7611DCBA-T Datasheet HTML 6Page - Intersil Corporation ICL7611DCBA-T Datasheet HTML 7Page - Intersil Corporation ICL7611DCBA-T Datasheet HTML 8Page - Intersil Corporation ICL7611DCBA-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Application Information
Static Protection
All devices are static protected by the use of input diodes.
However, strong static fields should be avoided, as it is
possible for the strong fields to cause degraded diode
junction characteristics, which may result in increased input
leakage currents.
Latchup Avoidance
Junction-isolated CMOS circuits employ configurations which
produce a parasitic 4-layer (PNPN) structure. The 4-layer
structure has characteristics similar to an SCR, and under
certain circumstances may be triggered into a low impedance
state resulting in excessive supply current. To avoid this
condition, no voltage greater than 0.3V beyond the supply
rails may be applied to any pin. In general, the op amp
supplies must be established simultaneously with, or before
any input signals are applied. If this is not possible, the drive
circuits must limit input current flow to 2mA to prevent latchup.
Choosing the Proper IQ
The ICL7611 and ICL7612 have a similar IQ set-up scheme,
which allows the amplifier to be set to nominal quiescent
currents of 10
µA, 100µA or 1mA. These current settings
change only very slightly over the entire supply voltage
range. The ICL7611/12 have an external IQ control terminal,
permitting user selection of quiescent current. To set the IQ
connect the IQ terminal as follows:
IQ = 10µA - IQ pin to V+
IQ = 100µA - IQ pin to ground. If this is not possible, any
voltage from V+ - 0.8 to V- +0.8 can be used.
IQ = 1mA - IQ pin to V-
NOTE: The output current available is a function of the quiescent
current setting. For maximum peak-to-peak output voltage swings
into low impedance loads, IQ of 1mA should be selected.
Output Stage and Load Driving Considerations
Each amplifiers’ quiescent current flows primarily in the
output stage. This is approximately 70% of the IQ settings.
This allows output swings to almost the supply rails for
output loads of 1M
Ω, 100kΩ, and 10kΩ, using the output
stage in a highly linear class A mode. In this mode,
crossover distortion is avoided and the voltage gain is
maximized. However, the output stage can also be operated
in Class AB for higher output currents. (See graphs under
Typical Operating Characteristics). During the transition from
Class A to Class B operation, the output transfer
characteristic is non-linear and the voltage gain decreases.
Input Offset Nulling
Offset nulling may be achieved by connecting a 25K pot
between the BAL terminals with the wiper connected to V+.
At quiescent currents of 1mA and 100
µA the nulling range
provided is adequate for all VOS selections; however with
IQ =10µA, nulling may not be possible with higher values
of VOS.
Frequency Compensation
The ICL7611 and ICL7612 are internally compensated, and
are stable for closed loop gains as low as unity with
capacitive loads up to 100pF.
Extended Common Mode Input Range
The ICL7612 incorporates additional processing which
allows the input CMVR to exceed each power supply rail by
0.1V for applications where VSUPP ≥±1.5V. For those
applications where VSUPP ≤±1.5V the input CMVR is limited
in the positive direction, but may exceed the negative supply
rail by 0.1V in the negative direction (e.g., for VSUPPLY = ±1V,
the input CMVR would be +0.6V to -1.1V).
Operation At VSUPPLY = ±1V
Operation at VSUPPLY = ±1V is guaranteed at IQ = 10µA for
A and B grades only.
Output swings to within a few millivolts of the supply rails are
achievable for RL ≥ 1MΩ. Guaranteed input CMVR is ±0.6V
minimum and typically +0.9V to -0.7V at VSUPPLY = ±1V. For
applications where greater common mode range is
desirable, refer to the description of ICL7612 above.
Typical Applications
The user is cautioned that, due to extremely high input
impedances, care must be exercised in layout, construction,
board cleanliness, and supply filtering to avoid hum and
noise pickup.
Note that in no case is IQ shown. The value of IQ must be
chosen by the designer with regard to frequency response
and power dissipation.
ICL7612
+
-
VIN
VOUT
RL ≥10K
FIGURE 1. SIMPLE FOLLOWER (NOTE 4)
ICL7612
+
-
VIN
VOUT
100K
+5
+5
1M
TO CMOS OR
LPTTL LOGIC
NOTE:
4. By using the ICL7612 in this application, the circuit will follow rail
to rail inputs.
FIGURE 2. LEVEL DETECTOR (NOTE 4)
ICL7611, ICL7612


Similar Part No. - ICL7611DCBA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7611DCBA-T INTERSIL-ICL7611DCBA-T Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611DCBA-T INTERSIL-ICL7611DCBA-T Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7611DCBA-T RENESAS-ICL7611DCBA-T Datasheet
604Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
More results

Similar Description - ICL7611DCBA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7611 RENESAS-ICL7611 Datasheet
604Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_06 Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
logo
STMicroelectronics
TS27M2 STMICROELECTRONICS-TS27M2 Datasheet
205Kb / 14P
   Low-power CMOS dual operational amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621_01 Datasheet
163Kb / 7P
   Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com