Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7612 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL7612
Description  1.4MHz, Low Power CMOS Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7612 Datasheet(HTML) 2 Page - Intersil Corporation

  ICL7612 Datasheet HTML 1Page - Intersil Corporation ICL7612 Datasheet HTML 2Page - Intersil Corporation ICL7612 Datasheet HTML 3Page - Intersil Corporation ICL7612 Datasheet HTML 4Page - Intersil Corporation ICL7612 Datasheet HTML 5Page - Intersil Corporation ICL7612 Datasheet HTML 6Page - Intersil Corporation ICL7612 Datasheet HTML 7Page - Intersil Corporation ICL7612 Datasheet HTML 8Page - Intersil Corporation ICL7612 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . V- -0.3 to V+ +0.3V
Differential Input Voltage (Note 1) . . . . . . . . . [(V+ +0.3) - (V- -0.3)]V
Duration of Output Short Circuit (Note 2). . . . . . . . . . . . . . Unlimited
Operating Conditions
Temperature Range
ICL76XXC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Thermal Resistance (Typical, Note 3)
θJA (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
130
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
170
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Long term offset voltage stability will be degraded if large input differential voltages are applied for long periods of time.
2. The outputs may be shorted to ground or to either supply, for VSUPPLY ≤10V. Care must be taken to insure that the dissipation rating is not
exceeded.
3.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = ±5V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
TEMP (oC)
ICL7611B, ICL7612B
ICL7611D, ICL7612D
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
VOS
RS ≤ 100kΩ
25
-
-
5
-
-
15
mV
Full
-
-
7
-
-
20
mV
Temperature
Coefficient of VOS
∆VOS/∆TRS ≤ 100kΩ
-
-
15
-
-
25
-
µV/oC
Input Offset Current
IOS
25
-
0.5
30
-
0.5
30
pA
Full
-
-
300
-
-
300
pA
Input Bias Current
IBIAS
25
-
1.0
50
-
1.0
50
pA
Full
-
-
400
-
-
400
pA
Common Mode
Voltage Range
(Except ICL7612)
VCMR
IQ = 10µA25
±4.4
-
-
±4.4
-
-
V
IQ = 100µA25
±4.2
-
-
±4.2
-
-
V
IQ = 1mA
25
±3.7
-
-
±3.7
-
-
V
Extended Common
Mode Voltage Range
(ICL7612 Only)
VCMR
IQ = 10µA25
±5.3
-
-
±5.3
-
-
V
IQ = 100µA
25
+5.3, -5.1
-
-
+5.3, -5.1
-
-
V
IQ = 1mA
25
+5.3, -4.5
-
-
+5.3, -4.5
-
-
V
Output Voltage Swing
VOUT
IQ = 10µA, RL = 1MΩ
25
±4.9
-
-
±4.9
-
-
V
Full
±4.8
-
-
±4.8
-
-
V
IQ = 100µA, RL = 100kΩ
25
±4.9
-
-
±4.9
-
-
V
Full
±4.8
-
-
±4.8
-
-
V
IQ = 1mA, RL = 10kΩ
25
±4.5
-
-
±4.5
-
-
V
Full
±4.3
-
-
±4.3
-
-
V
Large Signal Voltage
Gain
AVOL
VO = ±4.0V, RL =1MΩ,
IQ = 10µA
25
80
104
-
80
104
-
dB
Full
75
-
-
75
-
-
dB
VO = ±4.0V, RL = 100kΩ,
IQ = 100µA
25
80
102
-
80
102
-
dB
Full
75
-
-
75
-
-
dB
VO = ±4.0V, RL = 10kΩ,
IQ = 1mA
25
76
83
-
76
83
-
dB
Full
72
-
-
72
-
-
dB
ICL7611, ICL7612


Similar Part No. - ICL7612

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7612 INTERSIL-ICL7612 Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7612 INTERSIL-ICL7612 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7612 INTERSIL-ICL7612 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Renesas Technology Corp
ICL7612 RENESAS-ICL7612 Datasheet
604Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Maxim Integrated Produc...
ICL7612 MAXIM-ICL7612 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
More results

Similar Description - ICL7612

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7611 RENESAS-ICL7611 Datasheet
604Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_06 Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
logo
STMicroelectronics
TS27M2 STMICROELECTRONICS-TS27M2 Datasheet
205Kb / 14P
   Low-power CMOS dual operational amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621_01 Datasheet
163Kb / 7P
   Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com