Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7134UKCJI Datasheet(PDF) 9 Page - Intersil Corporation

Part # ICL7134UKCJI
Description  14-Bit Multiplying Microprocessor-Compatible D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7134UKCJI Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ICL7134UKCJI Datasheet HTML 5Page - Intersil Corporation ICL7134UKCJI Datasheet HTML 6Page - Intersil Corporation ICL7134UKCJI Datasheet HTML 7Page - Intersil Corporation ICL7134UKCJI Datasheet HTML 8Page - Intersil Corporation ICL7134UKCJI Datasheet HTML 9Page - Intersil Corporation ICL7134UKCJI Datasheet HTML 10Page - Intersil Corporation ICL7134UKCJI Datasheet HTML 11Page - Intersil Corporation ICL7134UKCJI Datasheet HTML 12Page - Intersil Corporation ICL7134UKCJI Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Definition of Terms
Nonlinearity - Error contributed by deviation of the DAC
transfer function from a straight line through the end points of
the actual plot of transfer function. Normally expressed as a
percentage of full scale range or in (sub)multiples of 1 LSB.
Resolution - It is addressing the smallest distinct analog out-
put change that a D/A converter can produce. It is commonly
expressed as the number of converter bits. A converter with
resolution of n bits can resolve output changes of 2-n of the
full-scale range, e.g. 2-n VREF for a unipolar conversion. Res-
olution by no means implies linearity.
Settling Time - Time required for the output of a DAC to
settle to within specified error band around its final value
(e.g. 1/2 LSB) for a given digital input change, i.e. all digital
inputs LOW to HIGH and HIGH to LOW.
Gain Error - The difference between actual and ideal analog
output values at full-scale range, i.e., all digital inputs at
HIGH state. It is expressed as a percentage of full-scale
range or in (sub)multiples of 1 LSB.
Feedthrough Error - Error caused by capacitive coupling
from VREF to IOUT with all digital inputs LOW.
Output Capacitance - Capacitance from IOUT terminal to
ground.
Output Leakage Current - Current which appears on IOUT
terminal when all DAC register outputs are LOW.
Detailed Description
The ICL7134 consists of 14-bit primary DAC, two PROM
controlled correction DACs, input buffer registers, and
microprocessor interface logic (See Functional Block
Diagram). The 14-bit primary DAC is an R-2R thin film
resistor ladder with N-channel MOS SPDT current steering
switches. Precise balancing of the switch resistances, and
all other resistances in the ladder, results in excellent
temperature stability.
True 14-bit linearity is achieved by programming a floating poly-
silicon gate PROM array which controls two correction DAC cir-
cuits. A 6-bit gain correction DAC, or G-DAC, diverts up to 2%
of the feedback resistor’s current to Analog GND and reduces
the gain error to less than 1 LSB, or 0.006%. The 5 most
significant outputs of the DAC register address a 31-word
PROM array that controls a 12-bit linearity correction DAC, or
C-DAC. For every combination of the primary DAC’s 5 most
significant bits, a different C-DAC code is selected. This allows
correction of superposition errors, caused by bit interaction on
the primary resistor ladder’s current output bus and by voltage
non-linearity in the feedback resistor. Superposition errors can-
not be corrected by any method which corrects individual bits
only, such as laser trimming. Since the PROM programming
occurs in packaged form, it corrects for resistor shifts caused by
the thermal stresses of packaging. These packaging shifts limit
the accuracy that can be achieved using wafer level correction
methods such as laser trimming, which has also been found to
degrade the time stability of thin film resistors at the 14-bit level.
Analog Section
The ICL7134 inherently provides both unipolar and bipolar
operation. The bipolar application circuit (Figure 6) requires
one additional op-amp but no external resistors. The two on-
chip resistors, RINV1 and RINV2, together with the op-amp,
form a voltage inverter which drives the MSG reference ter-
minal, VRFM, to -VREF, where VREF is the voltage applied at
the less significant bits’ reference terminal, VRFL. Notice the
values of 1.95R and 2R for the RINV1 and RINV2. The VRFM
absolute value is about 2.5% higher than the VRFL. This is
necessary so that the gain error can be corrected. This
reverses the weight of the MSG, and gives the DAC a 2’s
complement transfer function. The op-amp and reference
connection to VRFM and VRFL can be reversed, without
affecting linearity, but a small gain error will be introduced.
For unipolar operation the VRFM and VRFL terminals are
both tied to VREF, and the RINV pin is left unconnected.
Since the PROM correction codes required are different for
bipolar and unipolar operation, the ICL7134 is available in
two different versions; the ICL7134U, which is corrected for
unipolar operation, and the ICL7134B, which is programmed
for bipolar application. The feedback resistance is also differ-
ent in the two versions, and is switched under PROM control
from ‘R’ in the unipolar device to ‘2R’ in the bipolar part.
These feedback resistors have a dummy (always ON) switch
in series to compensate for the effect of the ladder switches.
This greatly improves the gain temperature coefficient and
the power supply rejection of the device.
FIGURE 6. BIPOLAR OPERATION WITH INVERTED VREF TO MSB
ICL7134


Similar Part No. - ICL7134UKCJI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7134 INTERSIL-ICL7134 Datasheet
4Mb / 122P
   P-CHANNEL JFET
More results

Similar Description - ICL7134UKCJI

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
   14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
logo
Intersil Corporation
ICL7121 INTERSIL-ICL7121 Datasheet
607Kb / 10P
   16-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
Analog Devices
AD396 AD-AD396 Datasheet
644Kb / 8P
   uP Compatible Multiplying Quad 14-Bit D/A Converter?
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL8052 INTERSIL-ICL8052 Datasheet
198Kb / 21P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD394 AD-AD394_15 Datasheet
626Kb / 12P
   Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com