Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7117CPL Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICL7117CPL
Description  31/2 Digit, LCD/LED Display, A/D Converter with Display Hold
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7117CPL Datasheet(HTML) 4 Page - Intersil Corporation

  ICL7117CPL Datasheet HTML 1Page - Intersil Corporation ICL7117CPL Datasheet HTML 2Page - Intersil Corporation ICL7117CPL Datasheet HTML 3Page - Intersil Corporation ICL7117CPL Datasheet HTML 4Page - Intersil Corporation ICL7117CPL Datasheet HTML 5Page - Intersil Corporation ICL7117CPL Datasheet HTML 6Page - Intersil Corporation ICL7117CPL Datasheet HTML 7Page - Intersil Corporation ICL7117CPL Datasheet HTML 8Page - Intersil Corporation ICL7117CPL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Typical Integrator Amplifier Output Waveform (INT Pin)
Design Information Summary Sheet
• OSCILLATOR FREQUENCY
fOSC = 0.45/RC
COSC > 50pF; ROSC > 50kΩ
fOSC (Typ) = 48kHz
• OSCILLATOR PERIOD
tOSC = RC/0.45
• INTEGRATION CLOCK FREQUENCY
fCLOCK = fOSC/4
• INTEGRATION PERIOD
tINT = 1000 x (4/fOSC)
• 60/50Hz REJECTION CRITERION
tINT/t60Hz or tlNT/t50Hz = Integer
• OPTIMUM INTEGRATION CURRENT
IINT = 4µA
• FULL SCALE ANALOG INPUT VOLTAGE
VlNFS (Typ) = 200mV or 2V
• INTEGRATE RESISTOR
• INTEGRATE CAPACITOR
• INTEGRATOR OUTPUT VOLTAGE SWING
•VINT MAXIMUM SWING:
(V- + 1.0V) < VINT < (V+ - 0.5V), VINT (Typ) = 2V
• DISPLAY COUNT
• CONVERSION CYCLE
tCYC = tCL0CK x 4000
tCYC = tOSC x 16,000
when fOSC = 48KHz; tCYC = 333ms
• COMMON MODE INPUT VOLTAGE
(V- + 1V) < VlN < (V+ - 0.5V)
• AUTO-ZERO CAPACITOR
0.01
µF < CAZ < 1µF
• REFERENCE CAPACITOR
0.1
µF < CREF < 1µF
•VCOM
Biased between V+ and V-.
•VCOM ≅ V+ - 2.8V
Regulation lost when V+ to V- <
≅6.8V.
If VCOM is externally pulled down to (V + to V -)/2,
the VCOM circuit will turn off.
• ICL7116 POWER SUPPLY: SINGLE 9V
V+ - V- = 9V
Digital supply is generated internally
VTEST ≅ V+ - 4.5V
• ICL7116 DISPLAY: LCD
Type: Direct drive with digital logic supply amplitude.
• ICL7117 POWER SUPPLY: DUAL
±5.0V
V+ = +5V to GND
V- = -5V to GND
Digital Logic and LED driver supply V+ to GND
• ICL7117 DISPLAY: LED
Type: Non-Multiplexed Common Anode
R
INT
V
INFS
I
INT
-----------------
=
C
INT
t
INT
() I
INT
()
V
INT
--------------------------------
=
V
INT
t
INT
() I
INT
()
C
INT
--------------------------------
=
COUNT
1000
V
IN
V
REF
---------------
×
=
AUTO ZERO PHASE
(COUNTS)
2999 - 1000
SIGNAL INTEGRATE
PHASE FIXED
1000 COUNTS
DE-INTEGRATE PHASE
0 - 1999 COUNTS
TOTAL CONVERSION TIME = 4000 x tCLOCK = 16,000 x tOSC
ICL7116, ICL7117


Similar Part No. - ICL7117CPL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7117CPL MAXIM-ICL7117CPL Datasheet
193Kb / 4P
   3쩍 Digit A/D Converter With Display Hold
19-5038; Rev 0; 1985
logo
Intersil Corporation
ICL7117CPL INTERSIL-ICL7117CPL Datasheet
6Mb / 180P
   Data Acquisition
logo
Maxim Integrated Produc...
ICL7117CPL MAXIM-ICL7117CPL Datasheet
411Kb / 8P
   3쩍 Digit ADCs with Display Hold
2017
More results

Similar Description - ICL7117CPL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7117RCPL MAXIM-ICL7117RCPL Datasheet
197Kb / 4P
   31/2 Digit A/D Converter With Display Hold
Rev 0; 1985
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Maxim Integrated Produc...
MAX136 MAXIM-MAX136_V01 Datasheet
1Mb / 5P
   Low Power, 31?? Digit A/D Converter with Display Hold
2012
logo
Renesas Technology Corp
ICL7136 RENESAS-ICL7136 Datasheet
793Kb / 15P
   31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
logo
Intersil Corporation
ICL7136CPL INTERSIL-ICL7136CPL Datasheet
498Kb / 15P
   31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
July 21, 2005
logo
Maxim Integrated Produc...
ICL7116 MAXIM-ICL7116 Datasheet
193Kb / 4P
   3쩍 Digit A/D Converter With Display Hold
19-5038; Rev 0; 1985
logo
Intersil Corporation
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
logo
New Japan Radio
NJU9203B NJRC-NJU9203B Datasheet
200Kb / 4P
   3.1/2 DIGIT SINGLE CHIP A/D CONVERTER WITH DISPLAY HOLD
logo
Microchip Technology
TC815 MICROCHIP-TC815 Datasheet
595Kb / 26P
   3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com