Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7129CPL Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICL7129CPL
Description  41/2 Digit LCD, Single-Chip A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7129CPL Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ICL7129CPL Datasheet HTML 3Page - Intersil Corporation ICL7129CPL Datasheet HTML 4Page - Intersil Corporation ICL7129CPL Datasheet HTML 5Page - Intersil Corporation ICL7129CPL Datasheet HTML 6Page - Intersil Corporation ICL7129CPL Datasheet HTML 7Page - Intersil Corporation ICL7129CPL Datasheet HTML 8Page - Intersil Corporation ICL7129CPL Datasheet HTML 9Page - Intersil Corporation ICL7129CPL Datasheet HTML 10Page - Intersil Corporation ICL7129CPL Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
3-37
(UR pin 21) outputs are latched on the falling edge of
LATCH/HOLD and remain in that state until the end of the
next conversion cycle. In addition, digits 1 through 4 are
blanked during overrange. All three of these pins are “weak
outputs” and can be overridden with external drivers or pull-
up resistors to enable their input functions as described in
the Pin Description table.
Instant Continuity
A comparator with a built-in 200mV offset is connected
directly between INPUT HI and INPUT LO of the ICL7129
(Figure 7). The CONTINUITY output (pin 27) will be pulled
high whenever the voltage between the analog inputs is less
than 200mV. This will also turn on the “CONTINUITY”
annunciator on the display. The CONTINUITY output may be
used to enable an external alarm or buzzer, thereby giving
the ICL7129 an audible continuity checking capability.
Since the CONTINUITY output is one of the four “weak out-
puts” of the ICL7129, the “continuity” annunciator on the dis-
play can be driven by an external source if desired. The
continuity function can be overridden with a pull-down resistor
connected between CONTINUITY pin and DGND (pin 36).
Display Configuration
The ICL7129 is designed to drive a triplexed liquid crystal
display. This type of display has three backplanes and is driven
in a multiplexed format similar to the ICM7231 display driver
family. The specific display format is shown in Figure 8. Notice
that the polarity sign, decimal points, “LOW BATTERY”, and
“CONTINUITY” annunciators are directly driven by the
ICL7129. The individual segments and annunciators are
addressed in a manner similar to row-column addressing. Each
backplane (row) is connected to one-third of the total number of
segments. BP1 has all F, A, and B segments of the four least
significant digits. BP2 has all of the C, E, and G segments. BP3
has all D segments, decimal points, and annunciators. The seg-
ment lines (columns) are connected in groups of three bringing
all segments of the display out on just 12 lines.
Annunciator Drive
A special display driver output is provided on the ICL7129
which is intended to drive various kinds of annunciators on
custom multiplexed liquid crystal displays. The ANNUNClATOR
DRIVE output (pin 3) is a squarewave signal running at the
backplane frequency, approximately 100Hz. This signal
swings from VDISP to V+ and is in sync with the three back-
plane outputs BP1, BP2, and BP3. Figure 9 shows these
four outputs on the same time and voltage scales.
Any annunciator associated with any of the three backplanes
can be turned on simply by connecting it to the ANNUNClA-
TOR DRIVE pin. To turn an annunciator off connect if to its
backplane. An example of a display and annunciator drive
scheme is shown in Figure 10.
+
-
BUFFER
500k
IN HI
COMMON
IN LO
V
200mV
+
-
+
-
CONTINUITY
TO DISPLAY
DRIVER
(NOT LATCHED)
FIGURE 7. “INSTANT CONTINUITY” COMPARATOR AND
OUTPUT STRUCTURE
a
b
c
d
f
g
e
a
b
c
d
f
g
e
B1, C1, CONTINUITY
BACKPLANE
CONNECTIONS
BP1
BP2
BP3
A1, G1, D1
F1, E1, DP1
B2, C2, LOW BATTERY
A2, G2, D2
F2, E2, DP2
F4, E4, DP4
A4, G4, D4
B4, C4, BC5
F3, E3, DP3
A3, G3, D3
B3, C3, MINUS
f
e
a
b
c
d
f
g
e
a
b
c
d
f
g
e
LOW BATTERY CONTINUITY
c
a
b
c
d
f
g
e
a
b
c
d
f
g
e
f
e
a
b
c
d
f
g
e
a
b
c
d
f
g
e
LOW BATTERY CONTINUITY
c
FIGURE 8. TRIPLEXED LIQUID CRYSTAL DISPLAY LAYOUT FOR ICL7129
ICL7129


Similar Part No. - ICL7129CPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7129CPL INTERSIL-ICL7129CPL Datasheet
727Kb / 10P
   4쩍 Digit LCD, Single-Chip A/D Converter
More results

Similar Description - ICL7129CPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7135CPI INTERSIL-ICL7135CPI Datasheet
516Kb / 15P
   41/2 Digit, BCD Output, A/D Converter
August 28, 2007
ICL7129 INTERSIL-ICL7129_00 Datasheet
727Kb / 10P
   4쩍 Digit LCD, Single-Chip A/D Converter
logo
New Japan Radio
NJU9252 NJRC-NJU9252 Datasheet
237Kb / 6P
   2-DIGIT SINGLE CHIP A/D CONVERTER
logo
Maxim Integrated Produc...
ICL7129A MAXIM-ICL7129A Datasheet
628Kb / 12P
   4-1/2 Digit Single-Chip A/D Converter with LCD Driver
logo
New Japan Radio
NJU9201B NJRC-NJU9201B Datasheet
178Kb / 4P
   3.1/2 DIGIT SINGLE CHIP A/D CONVERTER
logo
Maxim Integrated Produc...
ICL7135 MAXIM-ICL7135_V01 Datasheet
734Kb / 13P
   41/2 Digit A/D Converter with Multiplexed BCD Outputs
2016
logo
Intersil Corporation
ICM7224 INTERSIL-ICM7224 Datasheet
576Kb / 7P
   41/2 Digit LCD Display Counter
logo
NTE Electronics
NTE2050 NTE-NTE2050 Datasheet
26Kb / 4P
   Integrated Circuit 31/2-Digit Single Chip A/D Converter
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com