Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3244 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL3244
Description  1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3244 Datasheet(HTML) 1 Page - Intersil Corporation

  ICL3244 Datasheet HTML 1Page - Intersil Corporation ICL3244 Datasheet HTML 2Page - Intersil Corporation ICL3244 Datasheet HTML 3Page - Intersil Corporation ICL3244 Datasheet HTML 4Page - Intersil Corporation ICL3244 Datasheet HTML 5Page - Intersil Corporation ICL3244 Datasheet HTML 6Page - Intersil Corporation ICL3244 Datasheet HTML 7Page - Intersil Corporation ICL3244 Datasheet HTML 8Page - Intersil Corporation ICL3244 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
4-1
TM
File Number
4876
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
ICL3244
1Microamp, +3V to +5.5V, 250kbps,
RS-232 Transceiver with Enhanced
Automatic Powerdown
The Intersil ICL32XX devices are 3.0V to 5.5V powered
RS-232 transmitters/receivers which meet ElA/TIA-232 and
V.28/V.24 specifications, even at VCC = 3.0V. Targeted
applications are PDAs, Palmtops, and notebook and laptop
computers where the low operational, and even lower
standby, power consumption is critical. Efficient on-chip
charge pumps, coupled with manual and enhanced
automatic powerdown functions, reduce the standby supply
current to a 1
µA trickle. Small footprint packaging, and the
use of small, low value capacitors ensure board space
savings as well. Data rates greater than 250kbps are
guaranteed at worst case load conditions. This family is fully
compatible with 3.3V only systems, mixed 3.3V and 5.0V
systems, and 5.0V only systems.
The ICL3244 is a 3 driver, 5 receiver device that provides a
complete serial port suitable for laptop or notebook
computers. It also includes a noninverting always-active
receiver for “wake-up” capability.
This device, features an enhanced automatic powerdown
function which powers down the on-chip power-supply and
driver circuits. This occurs when all receiver and transmitter
inputs detect no signal transitions for a period of 30s. The
ICL3244 powers back up, automatically, whenever it senses
a transition on any transmitter or receiver input.
Table 1 summarizes the features of the device represented
by this data sheet, while Application Note AN9863
summarizes the features of each device comprising the
ICL3244 3V family.
Features
• Manual and Enhanced Automatic Powerdown Features
• Drop in Replacement for MAX3244
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• Latch-Up Free
• On-Chip Voltage Converters Require Only Four External
0.1
µF Capacitors
• Guaranteed Mouse Driveability
• Receiver Hysteresis For Improved Noise Immunity
• Guaranteed Minimum Data Rate . . . . . . . . . . . . 250kbps
• Guaranteed Minimum Slew Rate . . . . . . . . . . . . . . . 6V/
µs
• Wide Power Supply Range. . . . . . . . Single +3V to +5.5V
• Low Supply Current in Powerdown State . . . . . . . . . . 1
µA
Applications
• Any System Requiring RS-232 Communication Ports
- Battery Powered, Hand-Held, and Portable Equipment
- Laptop Computers, Notebooks, Palmtops
- Modems, Printers and other Peripherals
- Cellular/Mobile Phones
• Related Literature
- Application Note AN9863, “3V to +5.5V, 250k-1Mbps,
RS-232 Transmitters/Receivers”
Pinout
ICL3244 (SOIC, SSOP)
TOP VIEW
Ordering Information
PART NO.
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
ICL3244CA
0 to 70
28 Ld SSOP
M28.209
ICL3244CB
0 to 70
28 Ld SOIC
M28.3
NOTE: Most surface mount devices are available on tape and reel;
add “-T” to suffix.
C2+
C2-
V-
R1IN
R2IN
R3IN
R4IN
R5IN
T1OUT
T3OUT
T3IN
T2IN
T1IN
C1+
VCC
GND
C1-
FORCEON
INVALID
R1OUT
R2OUT
R3OUT
R4OUT
R5OUT
V+
FORCEOFF
R2OUTB
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
T2OUT
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
NO. OF
Tx.
NO. OF
Rx.
NO. OF
MONITOR Rx.
(ROUTB)
DATA
RATE
(kbps)
Rx. ENABLE
FUNCTION?
READY
OUTPUT?
MANUAL
POWER-
DOWN?
ENHANCED
AUTOMATIC
POWERDOWN
FUNCTION?
ICL3244
3
5
1
250
No
No
Yes
Yes
Data Sheet
June 2000


Similar Part No. - ICL3244

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3244 INTERSIL-ICL3244 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3244 INTERSIL-ICL3244 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3244 INTERSIL-ICL3244 Datasheet
408Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3244CA INTERSIL-ICL3244CA Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3244E INTERSIL-ICL3244E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results

Similar Description - ICL3244

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3238E RENESAS-ICL3238E Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3226CA INTERSIL-ICL3226CA Datasheet
408Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3238E INTERSIL-ICL3238E Datasheet
319Kb / 14P
   -15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com