Electronic Components Datasheet Search |
|
SR-A29B0 Datasheet(PDF) 2 Page - Nel Frequency Controls,inc |
|
SR-A29B0 Datasheet(HTML) 2 Page - Nel Frequency Controls,inc |
2 / 3 page 357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com SR-A29B0 Series Continued Differential Positive ECL (DPECL) Operating Conditions and Output Characteristics Electrical Characteristics Parameter Symbol Conditions Min Typical Max Frequency ----- ----- 250.0MHz ----- 1.7GHz Sub-Harmonic ----- ----- ----- -45dBc -40dBc Harmonic ----- ----- ----- ----- -10dBc Duty Cycle ----- @ 50% points 45/55% ----- 55/45% Logic 0 (1) V OL ----- V CC-1.810V ----- V CC-1.620V Logic 1 (1) V OH ----- V CC-1.025V ----- V CC-0.880V Rise & Fall Time tr,tf 20-80%V O with 50 ohm load to VCC-2V ----- 350 psec 600 psec Jitter RMS (5) ----- ----- ----- 0.3 psec 0.5 psec Jitter Deterministic ----- ----- ----- 6 psec 12 psec Enable Voltage (2) ---- with V EE=0V 0V ----- 1.0V Disable Voltage ----- with V EE=0V 3.0V ----- V CC Frequency Stability (3) dF/F Overall conditions including: -100ppm ----- +100ppm voltage, calibration, temp., 10 yr aging, shock, vibration Phase Noise (4) ----- @100Hz ----- ----- -80 dBc/Hz ----- @1kHz ----- ----- -115 dBc/Hz ----- @10kHz ----- ----- -130 dBc/Hz ----- @100kHz ----- ----- -130 dBc/Hz ----- @1MHz ----- ----- -135 dBc/Hz ----- @10MHz ----- ----- -135 dBc/Hz General Characteristics Parameter Symbol Conditions Min Typical Max Supply Voltage V CC 3.3V±5% 3.135V 3.3V 3.465V Supply Current I CC 50 ohm termination 0.0 mA ----- 120 mA To 2.00V below V CC Output current I O Low level Output Current 0.0 mA ----- ±50.0 mA Operating temperature T A ------ 0°C ----- 70°C Storage temperature T S ----- -55°C ----- 125°C Input: Logic High (ECL) - Disables V EE or Open - Enables Load 50 Ohm to V CC-2V or Thevenin Equivalent, Bias Required Start-up time t S ----- ----- 2 ms 10 ms Environmental and Mechanical Characteristics Mechanical Shock Per MIL-STD-202, Method 213, Condition E Thermal Shock Per MIL-STD-883, Method 1011, Condition A Vibration 0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz Footnotes: 1) V OL, VOH, referenced to ground 2) Open to Enable pin also enables the output. 3) Standard frequency stability (others available) 4) Phase Noise characterization available. Phase Noise is frequency dependant, phase noise specification references a 1.0GHz part. 5) Jitter performance is frequency dependant. Please contact factor for full Aeroflex characterization. RMS bandwidth of 12kHz to 20MHz. Rev. M CRYSTAL CLOCK OSCILLATORS SR - A29BX - FREQ Package Code Tolerance/Performance SR 8 pad 9x14mm SMD 0 ±100ppm 0-70°C 1 ±50ppm 0-70°C 7 ±25ppm 0-70°C Input Voltage 9 Customer Specific Code Specification A ±20ppm 0-70°C A 3.3V B ±50ppm -40 to +85°C B 2.5V C ±100ppm -40 to +85°C Creating a Part Number Data Sheet 0447G |
Similar Part No. - SR-A29B0_10 |
|
Similar Description - SR-A29B0_10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |