Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3483E Datasheet(PDF) 4 Page - Analog Devices

Part # ADM3483E
Description  Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3483E Datasheet(HTML) 4 Page - Analog Devices

  ADM3483E_15 Datasheet HTML 1Page - Analog Devices ADM3483E_15 Datasheet HTML 2Page - Analog Devices ADM3483E_15 Datasheet HTML 3Page - Analog Devices ADM3483E_15 Datasheet HTML 4Page - Analog Devices ADM3483E_15 Datasheet HTML 5Page - Analog Devices ADM3483E_15 Datasheet HTML 6Page - Analog Devices ADM3483E_15 Datasheet HTML 7Page - Analog Devices ADM3483E_15 Datasheet HTML 8Page - Analog Devices ADM3483E_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADM3483E/ADM3486E/ADM3488E/ADM3490E/ADM3491E
Rev. A | Page 4 of 20
SPECIFICATIONS
VCC = 3.3 V ± 0.3 V, TA = TMIN to TMAX, unless otherwise noted.
Table 2. ADM3483E/ADM3486E/ADM3488E/ADM3490E/ADM3491E
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Differential Outputs
Differential Output Voltage
VOD
2.0
V
RL = 100 Ω (RS-422) (see Figure 7)
1.5
V
RL = 54 Ω (RS-485) (see Figure 7)
1.5
V
RL = 60 Ω (RS-485) (see Figure 8)
Δ|VOD| for Complementary Output States1
∆VOD
0.2
V
RL = 54 Ω or 100 Ω (see Figure 7)
Common-Mode Output Voltage
VOC
3
V
RL = 54 Ω or 100 Ω (see Figure 7)
Δ|VOC| for Complementary Output States1
∆VOC
0.2
V
RL = 54 Ω or 100 Ω (see Figure 7)
Short-Circuit Output Current
IOSD
−250
mA
VOUT = −7 V
250
mA
VOUT = 12 V
Output Leakage (Y, Z) (ADM3491E Only)
IO
Normal Mode
20
μA
DE = 0 V, RE = 0 V, VCC = 0 V or 3.6 V,
VOUT = 12 V
−20
μA
DE = 0 V, RE = 0 V, VCC = 0 V or 3.6 V,
VOUT = −7 V
Shutdown Mode
1
μA
DE = 0 V, RE = VCC, VCC = 0 V or 3.6 V,
VOUT = 12 V
−1
μA
DE = 0 V, RE = VCC, VCC = 0 V or 3.6 V,
VOUT = −7 V
Logic Inputs
Input High Voltage
VIH
2.0
V
DE, DI, RE
Input Low Voltage
VIL
0.8
V
DE, DI, RE
Logic Input Current
IIN1
±2
μA
DE, DI, RE
RECEIVER
Differential Inputs
Differential Input Threshold Voltage
VTH
−0.2
0.2
V
−7 V < VCM < +12 V
Input Hysteresis
∆VTH
50
mV
VCM = 0 V
Input Resistance (A, B)
RIN
12
k
−7 V < VCM < +12 V
Input Current (A, B)
IIN2
1.0
mA
DE = 0 V, VCC = 0 V or 3.6 V, VIN = 12 V
−0.8
mA
DE = 0 V, VCC = 0 V or 3.6 V, VIN = −7 V
RO Logic Output
Output High Voltage
VOH
VCC − 0.4
V
IOUT = −1.5 mA, VID = 200 mV (see Figure 9)
Output Low Voltage
VOL
0.4
V
IOUT = 2.5 mA, VID = 200 mV (see Figure 9)
Short-Circuit Output Current
IOSR
±8
±60
mA
0 V < VRO < VCC
Tristate Output Leakage Current
IOZR
±1
μA
VCC = 3.6 V, 0 V < VOUT < VCC
POWER SUPPLY
Voltage Range
VCC
3.0
3.6
V
Supply Current
ICC
1.1
2.2
mA
No load, DI = 0 V or VCC, DE = VCC,
RE = 0 V or VCC
0.95
1.9
mA
No load, DI = 0 V or VCC, DE = 0 V,
RE = 0 V
Shutdown Current
ISHDN
0.002
1
μA
DE = 0 V, RE = VCC, DI = 0 V or VCC
ESD PROTECTION
A, B, Y, Z Pins
±15
kV
Human body model
All Pins Except A, B, Y, Z Pins
±4
kV
Human body model
1 Δ|VOD| and Δ|VOC| are the changes in VOD and VOC, respectively, when DI input changes state.


Similar Part No. - ADM3483E_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3483EARZ AD-ADM3483EARZ Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3483EARZ-REEL7 AD-ADM3483EARZ-REEL7 Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
More results

Similar Description - ADM3483E_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3490 AD-ADM3490_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485 AD-ADM3485_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491E AD-ADM3491E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3071E AD-ADM3071E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3075E AD-ADM3075E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3078E AD-ADM3078E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491 AD-ADM3491_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com