Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3232E Datasheet(PDF) 10 Page - Analog Devices

Part # ADM3232E
Description  Line Driver/Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3232E Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM3232E_15 Datasheet HTML 4Page - Analog Devices ADM3232E_15 Datasheet HTML 5Page - Analog Devices ADM3232E_15 Datasheet HTML 6Page - Analog Devices ADM3232E_15 Datasheet HTML 7Page - Analog Devices ADM3232E_15 Datasheet HTML 8Page - Analog Devices ADM3232E_15 Datasheet HTML 9Page - Analog Devices ADM3232E_15 Datasheet HTML 10Page - Analog Devices ADM3232E_15 Datasheet HTML 11Page - Analog Devices ADM3232E_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADM3232E
Rev. B | Page 10 of 12
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-013-AA
10.50 (0.4134)
10.10 (0.3976)
0.30 (0.0118)
0.10 (0.0039)
2.65 (0.1043)
2.35 (0.0925)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
0.75 (0.0295)
0.25 (0.0098)
45°
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
0.33 (0.0130)
0.20 (0.0079)
0.51 (0.0201)
0.31 (0.0122)
SEATING
PLANE
16
9
8
1
1.27 (0.0500)
BSC
Figure 15. 16-Lead Standard Small Outline Package [SOIC_W]
Wide Body
(RW-16)
Dimensions shown in millimeters (and inches)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADM3232EARNZ
–40°C to +85°C
16-Lead SOIC_N
R-16
ADM3232EARNZ-REEL7
–40°C to +85°C
16-Lead SOIC_N
R-16
ADM3232EARUZ
–40°C to +85°C
16-Lead TSSOP
RU-16
ADM3232EARUZ-REEL7
–40°C to +85°C
16-Lead TSSOP
RU-16
ADM3232EARWZ
–40°C to +85°C
16-Lead SOIC_W
RW-16
ADM3232EARWZ-REEL
–40°C to +85°C
16-Lead SOIC_W
RW-16
1 Z = RoHS Compliant Part.


Similar Part No. - ADM3232E_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3232EARNZ AD-ADM3232EARNZ Datasheet
266Kb / 12P
   -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
REV. 0
ADM3232EARNZ AD-ADM3232EARNZ Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
ADM3232EARNZ-REEL7 AD-ADM3232EARNZ-REEL7 Datasheet
266Kb / 12P
   -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
REV. 0
ADM3232EARNZ-REEL7 AD-ADM3232EARNZ-REEL7 Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
ADM3232EARUZ AD-ADM3232EARUZ Datasheet
266Kb / 12P
   -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
REV. 0
More results

Similar Description - ADM3232E_15

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TSC396 MICROSEMI-TSC396 Datasheet
1Mb / 6P
   Line Driver/Receiver
logo
Unisonic Technologies
UT3221 UTC-UT3221 Datasheet
267Kb / 10P
   LINE DRIVER/RECEIVER
logo
System Logic Semiconduc...
SL75232 SLS-SL75232 Datasheet
46Kb / 5P
   Line Driver / Receiver
logo
New Japan Radio
NJU6402B NJRC-NJU6402B Datasheet
222Kb / 7P
   RS232C LINE DRIVER/RECEIVER?
logo
Elantec Semiconductor
EL1501C ELANTEC-EL1501C Datasheet
139Kb / 2P
   Differential Line Driver/Receiver
logo
Texas Instruments
SN75155 TI1-SN75155_14 Datasheet
479Kb / 17P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701 TI-SN751701 Datasheet
237Kb / 14P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701PSRG4 TI-SN751701PSRG4 Datasheet
395Kb / 16P
[Old version datasheet]   LINE DRIVER AND RECEIVER
logo
New Japan Radio
NJU6401B NJRC-NJU6401B Datasheet
223Kb / 7P
   RS232C LINE DRIVER/RECEIVER
logo
Texas Instruments
SN751730 TI-SN751730 Datasheet
127Kb / 8P
[Old version datasheet]   TRIPLE LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com