Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM2486 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM2486
Description  High Speed, Half-Duplex Coupler Isolated RS-485 Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2486 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM2486_15 Datasheet HTML 2Page - Analog Devices ADM2486_15 Datasheet HTML 3Page - Analog Devices ADM2486_15 Datasheet HTML 4Page - Analog Devices ADM2486_15 Datasheet HTML 5Page - Analog Devices ADM2486_15 Datasheet HTML 6Page - Analog Devices ADM2486_15 Datasheet HTML 7Page - Analog Devices ADM2486_15 Datasheet HTML 8Page - Analog Devices ADM2486_15 Datasheet HTML 9Page - Analog Devices ADM2486_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADM2486
Data Sheet
Rev. E | Page 6 of 20
ADM2486 CHARACTERISTICS
PACKAGE CHARACTERISTICS
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Resistance (Input-to-Output)1
RI-O
1012
Ω
Capacitance (Input-to-Output)1
CI-O
3
pF
f = 1 MHz
Input Capacitance2
CI
4
pF
Input IC Junction-to-Case Thermal Resistance
θJCI
33
°C/W
Thermocouple located at center
of package underside
Output IC Junction-to-Case Thermal Resistance
θJCO
28
°C/W
1 Device considered a 2-terminal device: Pin 1 through Pin 8 shorted together, and Pin 9 through Pin 16 shorted together.
2 Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
The ADM2486 has been approved by the following organizations:
Table 4.
Organization
Approval Type
Notes
UL
Recognized under 1577 component recognition program. File E214100.
In accordance with UL1577, each ADM2486
is proof tested by applying an insulation test
voltage ≥3000 Vrms for 1 sec (current leakage
detection limit = 5 μA).
CSA
Approved under CSA Component Acceptance Notice #5A. File 205078.
IEC 609501 800 Vrms (1131 VPEAK) Basic, 400 Vrms (565 VPEAK) reinforced.
VDE
Certified according to DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12.
File 2471900-4880-0001.
In accordance with VDE V 0884-10, each
ADM2486 is proof tested by applying an
insulation test voltage ≥1050 VPEAK for 1 sec
(partial discharge detection limit = 5 pC).
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 5.
Parameter
Symbol
Value
Unit
Conditions
Rated Dielectric Insulation Voltage
2500
V rms
1-minute duration.
Minimum External Air Gap (Clearance)
L(I01)
7.45 minimum
mm
Measured from input terminals to output
terminals, shortest distance through air.
Minimum External Tracking (Creepage)
L(I02)
8.1 minimum
mm
Measured from input terminals to output
terminals, shortest distance along body.
Minimum Internal Gap (Internal Clearance)
0.017 minimum
mm
Insulation distance through insulation.
Tracking Resistance (Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1.
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1).


Similar Part No. - ADM2486_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2486BRW AD-ADM2486BRW Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
ADM2486BRW AD-ADM2486BRW Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
ADM2486BRW-REEL AD-ADM2486BRW-REEL Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
ADM2486BRW-REEL AD-ADM2486BRW-REEL Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
ADM2486BRWZ AD-ADM2486BRWZ Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
More results

Similar Description - ADM2486_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2491EBRWZ AD-ADM2491EBRWZ Datasheet
410Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
REV. B
ADM2486 AD-ADM2486 Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
ADM2486 AD-ADM2486_V01 Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com