Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUF76432S3S Datasheet(PDF) 6 Page - Intersil Corporation

Part # HUF76432S3S
Description  55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF76432S3S Datasheet(HTML) 6 Page - Intersil Corporation

  HUF76432S3S Datasheet HTML 1Page - Intersil Corporation HUF76432S3S Datasheet HTML 2Page - Intersil Corporation HUF76432S3S Datasheet HTML 3Page - Intersil Corporation HUF76432S3S Datasheet HTML 4Page - Intersil Corporation HUF76432S3S Datasheet HTML 5Page - Intersil Corporation HUF76432S3S Datasheet HTML 6Page - Intersil Corporation HUF76432S3S Datasheet HTML 7Page - Intersil Corporation HUF76432S3S Datasheet HTML 8Page - Intersil Corporation HUF76432S3S Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6-6
Test Circuits and Waveforms
FIGURE 17. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 18. UNCLAMPED ENERGY WAVEFORMS
FIGURE 19. GATE CHARGE TEST CIRCUIT
FIGURE 20. GATE CHARGE WAVEFORMS
FIGURE 21. SWITCHING TIME TEST CIRCUIT
FIGURE 22. SWITCHING TIME WAVEFORM
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
RL
VGS
+
-
VDS
VDD
DUT
Ig(REF)
VDD
Qg(TH)
VGS = 1V
Qg(5)
VGS = 5V
Qg(TOT)
VGS = 10V
VDS
VGS
Ig(REF)
0
0
Qgs
Qgd
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
HUF76432P3, HUF76432S3S


Similar Part No. - HUF76432S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76432S3S FAIRCHILD-HUF76432S3S Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

Similar Description - HUF76432S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76432P3 FAIRCHILD-HUF76432P3 Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76432P3 FAIRCHILD-HUFA76432P3 Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76407D3 FAIRCHILD-HUF76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76409P3 FAIRCHILD-HUF76409P3 Datasheet
207Kb / 10P
   17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76437P3 FAIRCHILD-HUF76437P3 Datasheet
217Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76409P3 FAIRCHILD-HUFA76409P3 Datasheet
207Kb / 10P
   17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76407P3 FAIRCHILD-HUF76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76445P3 FAIRCHILD-HUF76445P3 Datasheet
209Kb / 10P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76443P3 FAIRCHILD-HUFA76443P3 Datasheet
213Kb / 10P
   75A, 60V, 0.0095 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76413D3 FAIRCHILD-HUF76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com